Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F166AF/044FR Datasheet(PDF) 32 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 32 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
SH79F166A
32
7.6 System Clock Monitor (SCM)
In order to enhance the system reliability, SH79F166A contains a system clock monitor (SCM) module. If the system clock fails
(for example the oscillator stops oscillating), the built-in SCM will switch the OSCCLK to the internal 32k WDTCLK and set
system clock monitor bit (SCMIF) to 1. And the SCM interrupt will be generated when EA and ESCM is enabled. If the OSCCLK
comes back, SCM will switch the OSCCLK back to the oscillator and clears the SCMIF automatically.
Notes:
The SCMIF is read only register; it can be clear to 0 or set to 1 by hardware only.
If SCMIF is cleared, the SCM switches the system clock to the state before system clock fail automatically.
If Internal RC is selected as OSCCLK by code option (Refer to code option section for detail), the SCM can not work.
Table 7.14 System Clock Control Register
B2H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CLKCON
-
-
-
SCMIF
-
-
-
-
R/W
-
-
-
R
-
-
-
-
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
0
-
-
-
-
Bit Number
Bit Mnemonic
Description
4
SCMIF
System Clock Monitor bit
0: Clear by hardware to indicate system clock is normal
1: Set by hardware to indicate system clock fails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com