Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F166AF/044FR Datasheet(PDF) 84 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 84 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 113 page
background image
SH79F166A
84
Table 8.22 EUART Data Buffer Register
99H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SBUF
SBUF.7
SBUF.6
SBUF.5
SBUF.4
SBUF.3
SBUF.2
SBUF.1
SBUF.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
SBUF[7:0]
This SFR accesses two registers; a transmit shift register and a receive latch register
A write of SBUF will send the byte to the transmit shift register and then initiate a
transmission
A read of SBUF returns the contents of the receive latch
Table 8.23 Power Control Register
87H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PCON
SMOD
SSTAT
-
-
GF1
GF0
PD
IDL
R/W
R/W
R/W
-
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
-
-
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
SMOD
Baud rate doubler
If set in Mode1 & 3, the baud-rate of EUART is doubled if using time4 as
baud-rate generator
If set in Mode2, the baud-rate of EUART is doubled
6
SSTAT
SCON[7:5] function select bit
0: SCON[7:5] operates as SM0, SM1, SM2
1: SCON[7:5] operates as FE, RXOV, TXCOL
3-2
GF[1:0]
General purpose flags for software use
1
PD
Power-Down mode control bit
0
IDL
Idle mode control bit
Table 8.24 EUART Slave Address & Address Mask Register
9AH-9BH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SADDR
SADDR.7
SADDR.6
SADDR.5
SADDR.4
SADDR.3
SADDR.2
SADDR.1
SADDR.0
SADEN
SADEN.7
SADEN.6
SADEN.5
SADEN.4
SADEN.3
SADEN.2
SADEN.1
SADEN.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
SADDR[7:0]
SFR SADDR defines the EUART’s slave address
7-0
SADEN[7:0]
SFR SADEN is a bit mask to determine which bits of SADDR are checked
against a received address
0: Corresponding bit in SADDR is a “don’t care”
1: Corresponding bit in SADDR is checked against a received address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com