Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F166AF/044FR Datasheet(PDF) 86 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 86 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 113 page
background image
SH79F166A
86
8.5 Analog Digital Converter (ADC)
8.5.1 Feature
 10-bit Resolution
 Build in VREF
 Selectable external or built-in VREF
 8 Multiplexed Input Channels
The SH79F166A include a single ended, 10-bit SAR Analog to Digital Converter (ADC) with build in reference voltage
connected to the VDD, users also can select the VREF pin input reference voltage. The 7 ADC channels are shared with 1 ADC
module; each channel can be programmed to connect with the analog input individually. Only one channel can be available at
one time. GO/DONE
————
signal is available to start convert, and indicate end of convert. When conversion is completed, the data in
AD convert data register will be updated and ADCIF bit in ADCON register will be set. If ADC Interrupt is enabled, the ADC
interrupt will generate.
The ADC integrates a digital compare function to compare the value of analog input with the digital value in the AD converter. If
this function is enabled (set EC bit in ADCON register) and ADC module is enabled (set ADON bit in ADCON register). When
the corresponding digital value of analog input is larger than the value in compare value register (ADDH/L), the ADC interrupt
will occur, otherwise no interrupt will be generated. The digital comparator can work continuously when GO/DONE
————
bit is set until
software clear, which behaviors different with the AD converter operation mode.
The ADC module including digital compare module can wok in Idle mode and the ADC interrupt will wake up the Idle mode, but
is disabled in Power-Down mode.
8.5.2 ADC Diagram
Input voltage
SCH2 - SCH0
ADC
AN0
AN2
AN3
CH7 - CH0
011
100
101
110
111
AN4
AN5
V
DD
Input reference
voltage
REFC
0
AV
REF
1
000
001
010
AN6
AN7
AN1
ADC Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com