Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F166AF/044FR Datasheet(PDF) 91 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 91 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 113 page
background image
SH79F166A
91
8.7 Low Power Detect (LPD)
8.7.1 Feature
 An internal flag indicates low power is detected
 LPD detect voltage is selectable
 LPD de-bounce timer TLVR is about 30-60µs
The low power detect (LPD) is used to monitor the supply voltage and generate an internal flag if the voltage decrease below
the specified value. It is used to inform CPU whether the power is shut off or the battery is used out, so the software may do
some protection action before the voltage drop down to the minimal operation voltage.
8.7.2 Register
Table 8.31 Low Power Detection Control Register
B3H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
LPDCON
LPDEN
LPDF
LPDMD
LPDIF
LPDS3
LPDS2
LPDS1
LPDS0
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
LPDEN
LPD Enable bit
0: Disable lower power detection
1: Enable lower power detection
6
LPDF
LPD status Flag bit
0: No LPD happened, clear by hardware,
1: LPD happened, set by hardware
5
LPDMD
LPD mode select bit
0: When VDD below LPD voltage, LPDF is set
1: When VDD above LPD voltage, LPDF is set
4
LPDIF
LPD interrupt flag bit
0: No LPD happened, clear by software
1: LPD happened, set by hardware
3-0
LPDS[3:0]
LPD Voltage Select bit
0000: 2.40V
0001: 2.55V
0010: 2.70V
0011: 2.85V
0100: 3.00V
0101: 3.15V
0110: 3.30V
0111: 3.45V
1000: 3.60V
1001: 3.75V
1010: 3.90V
1011: 4.05V
1100: 4.20V
1101: 4.35V
1110: 4.50V
1111: 4.65V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com