Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F166AF/044FR Datasheet(PDF) 95 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 95 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 113 page
background image
SH79F166A
95
8.10 Power Management
8.10.1 Feature
 Two power saving modes: Idle mode and Power-Down mode
 Two ways to exit Idle and Power-Down mode: interrupt and reset
To reduce power consumption, SH79F166A supplies two power saving modes: Idle mode and Power-Down mode. These two
modes are controlled by PCON & SUSLO register.
8.10.2 Idle Mode
In this mode, the clock to CPU is frozen, the program execution is halted, and the CPU will stop at a defined state. But the
peripherals continue to be clocked. When entering idle mode, all the CPU status before entering will be preserved. Such as:
PSW, PC, SFR & RAM are all retained.
By two consecutive instructions: setting SUSLO register as 0x55, and immediately followed by setting the IDL bit in PCON
register, will make SH79F166A enter Idle mode. If the consecutive instruction sequence requirement is not met, the CPU will
clear either SUSLO register or IDL bit in the next machine cycle. And the CPU will not enter Idle mode. The setting of IDL bit will
be the last instruction that CPU executed.
There are two ways to exit Idle mode:
(1) An interrupt generated. The clock to the CPU will be restored, and the hardware will clear SUSLO register and IDL bit in
PCON register. Then the program will execute the interrupt service routine first, and then jumps to the instruction
immediately following the instruction that activated Idle mode.
(2) Reset signal (logic low on the RESET pin, WDT RESET if enabled, LVR REST if enabled), this will restore the clock to the
CPU, the SUSLO register and the IDL bit in PCON register will be cleared by hardware, finally the SH79F166A will be reset.
And the program will execute from address 0000H. The RAM will keep unchanged and the SFR value might be changed
according to different function module.
8.10.3 Power-Down Mode
The Power-Down mode places the SH79F166A in a very low power state. Power-Down mode will stop all the clocks including
CPU and peripherals. If WDT is enabled, WDT block will keep on working. When entering Power-Down mode, all the CPU
status before entering will be preserved. Such as: PSW, PC, SFR & RAM are all retained.
By two consecutive instructions: setting SUSLO register as 0x55, and immediately followed by setting the PD bit in PCON
register, will make SH79F166A enter Power-Down mode. If the consecutive instruction sequence requirement is not met, the
CPU will clear either SUSLO register or PD bit in the next machine cycle. And the CPU will not enter Power-Down mode.
The setting of PD bit will be the last instruction that CPU executed.
Note: If IDL bit and PD bit are set simultaneously, the SH79F166A enters Power-Down mode. The CPU will not go in Idle mode
when exiting from Power-Down mode, and the hardware will clear both IDL & PD bit after exit form Power-Down mode.
There are two ways to exit the Power-Down mode:
(1) An active external Interrupt such as INT0, INT1 & INT4 will make SH79F166A exit Power-Down mode. The oscillator will
start after interrupt happens, after warm-up time, the clocks to the CPU and peripheral will be restored, the SUSLO register
and PD bit in PCON register will be cleared by hardware. Program execution resumes with the interrupt service routine.
After completion of the interrupt service routine, program execution resumes with the instruction immediately following the
instruction that activated Power-Down mode.
(2) Timer3 interrupt will make SH79F166A exit Power-Down mode when 32.768kHz or 128KHz is the clock source. The
oscillator will start after interrupt happens, after warm-up time, the clocks to the CPU and peripheral will be restored, the
SUSLO register and PD bit in PCON register will be cleared by hardware. Program execution resumes with the interrupt
service routine. After completion of the interrupt service routine, program execution resumes with the instruction
immediately following the instruction that activated Power-Down mode.
(3) Reset signal (logic low on the RESET pin, WDT RESET if enabled, LVR REST if enabled). This will restore the clock to the
CPU after warm-up time, the SUSLO register and the PD bit in PCON register will be cleared by hardware, finally the
SH79F166A will be reset. And the program will execute from address 0000H. The RAM will keep unchanged and the SFR
value might be changed according to different function module.
Note: In order to entering Idle/Power-Down, it is necessary to add 3 NOPs after setting IDL/PD bit in PCON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com