Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPQ3H60T-HLS Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGIPQ3H60T-HLS
Description  SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPQ3H60T-HLS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGIPQ3H60T-HLS Datasheet HTML 3Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 4Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 5Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 6Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 7Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 8Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 9Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 10Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
3
Electrical characteristics
TJ = 25 °C unless otherwise specified.
3.1
Inverter part
Table 6. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current (VIN(1) =
0 “logic state”)
VCE = 550 V, VCC = VBoot = 15 V
-
250
μA
VCE(sat)
Collector-emitter saturation
voltage
VCC = Vboot = 15 V, VIN(1) = 0 to 5 V,
IC = 1 A
-
2.15
2.6
V
VF
Diode forward voltage
VIN(1) = 0 “logic state”, IC = 1 A
-
1.35
1.8
V
1. Applied among HINx, LINx and GND for x = U, V, W.
Table 7. Inductive load switching time and energy
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ton(1)
Turn-on time
VDD = 300 V,VCC = Vboot = 15 V,
VIN(2) = 0 to 5 V, IC = 1 A
(see Figure 5. Switching time
definition)
-
275
-
ns
tc(on)(1)
Crossover time (on)
-
90
-
toff(1)
Turn-off time
-
890
-
tc(off)(1)
Crossover time (off)
-
125
-
trr
Reverse recovery time
-
50
-
Eon
Turn-on switching energy
-
18
-
µJ
Eoff
Turn-off switching energy
-
13
-
1. tON and tOFF include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are the switching times of the IGBT
itself under the internally given gate driving conditions.
2. Applied among HINx, LINx and GND for x = U, V, W.
STGIPQ3H60T-HLS, STGIPQ3H60T-HZS
Electrical characteristics
DS11141 - Rev 5
page 7/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com