Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPQ3H60T-HLS Datasheet(PDF) 24 Page - STMicroelectronics

Part # STGIPQ3H60T-HLS
Description  SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPQ3H60T-HLS Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STGIPQ3H60T-HLS Datasheet HTML 18Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 19Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 20Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 21Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 22Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 23Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 24Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 25Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Revision history
Table 17. Document revision history
Date
Revision
Changes
08-Jul-2015
1
Initial release.
07-Oct-2015
2
Document status promoted from preliminary data to production data.
24-Mar-2017
3
Modified features on cover page
Modified Figure 4: "Internal structure of SD and NTC"
Minor text changes.
18-Dec-2018
4
Updated package silhouette on cover page.
Updated Section 1 Internal schematic diagram and pin configuration, Section
2.1 Absolute maximum ratings, Section 3.2 Control part, Section 4 Shutdown
function and Section 5.1 Guidelines.
Added Section 6 Electrical characteristics (curves).
Updated Section 7 Package information.
Minor text changes
05-Sep-2022
5
Modified Applications on cover page
Modified Table 5. Thermal data
Minor text changes.
STGIPQ3H60T-HLS, STGIPQ3H60T-HZS
DS11141 - Rev 5
page 24/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com