Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPQ3H60T-HLS Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGIPQ3H60T-HLS
Description  SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPQ3H60T-HLS Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGIPQ3H60T-HLS Datasheet HTML 7Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 8Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 9Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 10Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 11Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 12Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 13Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 14Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Table 13. Truth table
Conditions
Logic input (VI)
Output
T/SD/OD
LIN
HIN
LVG
HVG
Shutdown enable half-bridge tri-state
L
X(1)
X(1)
L
L
Interlocking half-bridge tri-state
H
H
H
L
L
0 “logic state” half-bridge tri-state
H
L
L
L
L
1 “logic state” low-side direct driving
H
H
L
H
L
1 “logic state” high-side direct driving
H
L
H
L
H
1. X: don’t care.
3.2.1
NTC thermistor
Figure 6. Internal structure of SD and NTC
T/SD/OD
V
Vbias
RPD_SD
NTC
LIN
HIN
VCC
GND
CIN
LVG
OUT
HVG
Vboot
SD/OD
R SD
C SD
RPD_SD: equivalent value as result of resistances of three drivers in parallel.
Figure 7. Equivalent resistance (NTC//RPD_SD)
0
20
40
60
80
100
120
140
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
STGIPQ3H60T-HLS, STGIPQ3H60T-HZS
Control part
DS11141 - Rev 5
page 11/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com