Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPQ3H60T-HLS Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGIPQ3H60T-HLS
Description  SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPQ3H60T-HLS Datasheet(HTML) 2 Page - STMicroelectronics

  STGIPQ3H60T-HLS Datasheet HTML 1Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 2Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 3Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 4Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 5Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 6Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 7Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 8Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
1
Internal schematic diagram and pin configuration
Figure 1. Internal schematic diagram
OP- (8)
Vcc W (3)
HIN W (4)
T / SD / OD (15)
HIN V (10)
Vcc V (9)
HIN U (14)
Vcc U (13)
LIN W (5)
LIN U (16)
V, OUT V (22)
W, OUT W (25)
U, OUT U (19)
P (18)
N W (26)
OPOUT (7)
T/ SD / OD (2)
GND (1)
CIN (12)
OP+ (6)
LIN V (11)
N V (23)
N U (20)
Vboot U (17)
Vboot V (21)
Vboot W (24)
NTC
GND
OPOUT
LIN
VCC
HVG
OP+
OP-
SD/OD
OUT
LVG
Vboot
HIN
GND
LIN
VCC
HVG
CIN
SD/OD
OUT
LVG
Vboot
HIN
GND
LIN
VCC
HVG
SD/OD
OUT
LVG
Vboot
HIN
GIPG300720141542SMD
STGIPQ3H60T-HLS, STGIPQ3H60T-HZS
Internal schematic diagram and pin configuration
DS11141 - Rev 5
page 2/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com