Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPQ3H60T-HLS Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGIPQ3H60T-HLS
Description  SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPQ3H60T-HLS Datasheet(HTML) 3 Page - STMicroelectronics

  STGIPQ3H60T-HLS Datasheet HTML 1Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 2Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 3Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 4Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 5Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 6Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 7Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 8Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Table 1. Pin description
Pin
Symbol
Description
1
GND
Ground
2
T/SD/OD
NTC thermistor terminal/shutdown logic input (active low)/open-drain
(comparator output)
3
VCC W
Low-voltage power supply W phase
4
HIN W
High-side logic input for W phase
5
LIN W
Low-side logic input for W phase
6
OP+
Op-amp non-inverting input
7
OPOUT
Op-amp output
8
OP-
Op-amp inverting input
9
VCC V
Low-voltage power supply V phase
10
HIN V
High-side logic input for V phase
11
LIN V
Low-side logic input for V phase
12
CIN
Comparator input
13
VCC U
Low-voltage power supply for V phase
14
HIN U
High-side logic input for V phase
15
T/SD/OD
NTC thermistor terminal/shutdown logic input (active low)/open-drain
(comparator output)
16
LIN U
Low-side logic input for U phase
17
Vboot U
Bootstrap voltage for U phase
18
P
Positive DC input
19
U, OUTU
U phase output
20
NU
Negative DC input for U phase
21
Vboot V
Bootstrap voltage for V phase
22
V, OUTV
V phase output
23
NV
Negative DC input for V phase
24
Vboot W
Bootstrap voltage for W phase
25
W, OUTW
W phase output
26
NW
Negative DC input for W phase
STGIPQ3H60T-HLS, STGIPQ3H60T-HZS
Internal schematic diagram and pin configuration
DS11141 - Rev 5
page 3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com