Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 381 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 381 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 377Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 378Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 379Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 380Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 381Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 382Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 383Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 384Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 385Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 400 page
background image
Debug and trace
Register
Offset
Security Description
TASKS_CLOCKSTART
0x000
Start all trace and debug clocks.
TASKS_CLOCKSTOP
0x004
Stop all trace and debug clocks.
ENABLE
0x500
Enable debug domain and aquire selected GPIOs
PSEL.TRACECLK
0x504
Pin configuration for TRACECLK
PSEL.TRACEDATA0
0x508
Pin configuration for TRACEDATA[0]
PSEL.TRACEDATA1
0x50C
Pin configuration for TRACEDATA[1]
PSEL.TRACEDATA2
0x510
Pin configuration for TRACEDATA[2]
PSEL.TRACEDATA3
0x514
Pin configuration for TRACEDATA[3]
TRACEPORTSPEED
0x518
Clocking options for the Trace Port debug interface
Reset behavior is the same as debug components
This register is retained.
Table 111: Register overview
9.3.1.1 TASKS_CLOCKSTART
Address offset: 0x000
Start all trace and debug clocks.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_CLOCKSTART
Start all trace and debug clocks.
Trigger
1
Trigger task
9.3.1.2 TASKS_CLOCKSTOP
Address offset: 0x004
Stop all trace and debug clocks.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_CLOCKSTOP
Stop all trace and debug clocks.
Trigger
1
Trigger task
9.3.1.3 ENABLE
Address offset: 0x500
Enable debug domain and aquire selected GPIOs
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
ENABLE
DISABLED
0
Disable debug domain and release selected GPIOs
ENABLED
1
Enable debug domain and aquire selected GPIOs
4418_1315 v2.0
381



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com