Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 85 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 85 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 84Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 85Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 86Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 87Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 88Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 89Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
HOST_IOT_KDR1
K_DR bits 63:32
6.1.8.1.1.5 HOST_IOT_KDR2
Address offset: 0x1A58
This register holds bits 95:64 of K_DR. The value of this register is saved in the CRYPTOCELL AO power
domain.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
HOST_IOT_KDR2
K_DR bits 95:64
6.1.8.1.1.6 HOST_IOT_KDR3
Address offset: 0x1A5C
This register holds bits 127:96 of K_DR. The value of this register is saved in the CRYPTOCELL AO power
domain.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
HOST_IOT_KDR3
K_DR bits 127:96
6.1.8.1.1.7 HOST_IOT_LCS
Address offset: 0x1A60
Controls lifecycle state (LCS) for CRYPTOCELL subsystem
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A
Reset 0x00000002
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0
ID
R/W
Field
Value ID
Value
Description
A
RW
LCS
Lifecycle state value. This field is write-once per reset.
Debug
0
CC310 operates in debug mode
Secure
2
CC310 operates in secure mode
B
RW
LCS_IS_VALID
Read-only field. Indicates if CRYPTOCELL LCS has been successfully
configured since last reset.
Invalid
0
Valid LCS not yet retained in the CRYPTOCELL AO power domain
Valid
1
Valid LCS successfully retained in the CRYPTOCELL AO power domain
4418_1315 v2.0
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com