Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 56 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 56 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 60Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 400 page
background image
Power and clock management
5.1.4.4.3 32.768 kHz high accuracy oscillator (LFXO)
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_LFXO
Frequency
32.768
kHz
fTOL_LFXO
Frequency tolerance
+-20
ppm
tSTART_LFXO
Startup time
200
ms
5.1.4.4.4 32.768 kHz RC oscillator (LFRC)
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_LFRC
Nominal frequency
32.768
kHz
fTOL_LFRC
Frequency tolerance
30
%
tSTART_LFRC
Startup time
600
µs
5.1.5 Reset
There are multiple reset sources that may trigger a reset of the system. After a reset the CPU can query
the RESETREAS (reset reason register) to find out which source generated the reset.
5.1.5.1 Power-on reset
The power-on reset generator initializes the system at power-on. The system is held in reset state until the
supply has reached the minimum operating voltage and the internal voltage regulators have started.
5.1.5.2 Pin reset
A pin reset is generated when the physical reset pin (nRESET) on the device is pulled low.
To ensure that reset is issued correctly, the reset pin should be held low for time given in Pin reset on page
58 .
nRESET pin has an always-on internal pull-up resistor connected to nRF9160 internal voltage typically of
2.2 V level. This is illustrated in the figure below. The value of the pull-up resistor is given in Pin reset on
page 58.
Note: Driving nRESET high with a voltage lower than 2.2V will result in additional leakage.
R
nReset
pin reset
nRF91
2.2V
Figure 12: Pin reset internal generation
5.1.5.3 Wakeup from System OFF mode reset
The device is reset when it wakes up from System OFF mode.
The Debug access port is not reset following a wake up from System OFF mode if the device is in debug
interface mode, see Overview on page 369 chapter for more information.
4418_1315 v2.0
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com