Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 75 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 75 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 72Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 74Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 75Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 76Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 77Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 79Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 400 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
HFCLKSTARTED
Write '1' to disable interrupt for event HFCLKSTARTED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW
LFCLKSTARTED
Write '1' to disable interrupt for event LFCLKSTARTED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
5.3.2.1.16 INTPEND
Address offset: 0x30C
Pending interrupts
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
HFCLKSTARTED
Read pending status of interrupt for event HFCLKSTARTED
NotPending
0
Read: Not pending
Pending
1
Read: Pending
B
R
LFCLKSTARTED
Read pending status of interrupt for event LFCLKSTARTED
NotPending
0
Read: Not pending
Pending
1
Read: Pending
5.3.2.1.17 HFCLKRUN
Address offset: 0x408
Status indicating that HFCLKSTART task has been triggered
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
STATUS
HFCLKSTART task triggered or not
NotTriggered
0
Task not triggered
Triggered
1
Task triggered
5.3.2.1.18 HFCLKSTAT
Address offset: 0x40C
The register shows if HFXO has been requested by triggering HFCLKSTART task and if it has been started
(STATE)
4418_1315 v2.0
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com