Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 98 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 98 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 94Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 95Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 96Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 97Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 98Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 99Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 100Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 101Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 102Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 400 page
background image
Peripherals
• Trigger interrupt on state changes on any pin
• All pins can be used by the PPI task/event system
• One or more GPIO outputs can be controlled through PPI and GPIOTE channels
• All pins can be individually mapped to interface blocks for layout flexibility
• GPIO state changes captured on SENSE signal can be stored by LATCH register
• Support for secure and non-secure attributes for pins in conjunction with the system protection unit
(SPU — System protection unit on page 259)
GPIO port and the GPIO pin details on page 98 illustrates the GPIO port containing 32 individual pins,
where
PIN0 is illustrated in more detail as a reference. All signals on the left side in the illustration are
used by other peripherals in the system and therefore not directly available to the CPU.
GPIO Port
PIN31
PIN0
PIN31
PIN[31].CNF
PIN[31].IN
PIN[31].OUT
PIN0
PIN[0].CNF
PIN[0].IN
PIN[0].OUT
..
PIN0
PIN[0].OUT
PIN[0].IN
IN
Sense
OUT_OVERRIDE
DIR_OVERRIDE
PIN0.DETECT
OUT
O
I
O: output buffer
I: input buffer
PIN[0].CNF.INPUT
PIN[0].CNF.PULL
PIN[0].CNF.DRIVE
PIN[0].CNF.SENSE
PIN[0].CNF.DIR
INPUT_OVERRIDE
ANAIN
ANAEN
PIN1.DETECT
PIN31.DETECT
LATCH
LDETECT
DETECT
DETECTMODE
Figure 17: GPIO port and the GPIO pin details
6.4.1 Pin configuration
The GPIO port peripheral implements up to 32 pins,
PIN0 through PIN31. Each of these pins can be
individually configured in the PIN_CNF[n] registers (n=0..31).
The following parameters can be configured through these registers:
• Direction
• Drive strength
• Enabling of pull-up and pull-down resistors
• Pin sensing
• Input buffer disconnect
• Analog input (for selected pins)
Note: All write-capable registers are retained registers, see POWER — Power control on page 64
for more information.
The input buffer of a GPIO pin can be disconnected from the pin to enable power savings when the pin is
not used as an input, see GPIO port and the GPIO pin details on page 98. Inputs must be connected to
get a valid input value in the IN register, and for the sense mechanism to get access to the pin.
Other peripherals in the system can connect to GPIO pins and override their output value and
configuration, or read their analog or digital input value. See GPIO port and the GPIO pin details on page
98.
Selected pins also support analog input signals, see ANAIN in GPIO port and the GPIO pin details on page
98. The assignment of the analog pins can be found in Pin assignments on page 385.
The following delays should be taken into considerations:
• There is a delay of 2 CPU clock cycles from the GPIO pad to the IN register.
4418_1315 v2.0
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com