Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 50 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 50 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 54Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 400 page
background image
Power and clock management
5.1.1.3 System ON mode
System ON is the power mode entered after a power-on reset.
While in System ON, the system can reside in one of two sub modes:
• Low power
• Constant latency
The low power mode is default after power-on reset.
In low power mode, whenever no application or wireless activity takes place, function blocks like the
application CPU, LTE modem and all peripherals are in IDLE state. That particular state is referred to as
System ON IDLE. In this state, all function blocks retain their state and configuration, so they are ready to
become active once configured by the CPU.
If any application or modem activity occurs, the system leaves the System ON IDLE state. Once a
given activity in a function block is completed, the system automatically returns to IDLE, retaining its
configuration.
As long as the system resides in low power mode, the PMU ensures that the appropriate regulators and
clock sources are started or stopped based on the needs of the function blocks active at any given time.
This automatic power management can be overridden by switching to constant latency mode. In this
mode, the CPU wakeup latency and the PPI task response are constant and kept at a minimum. This
is secured by keeping a set of base resources that are always enabled. The advantage of having a
constant and predictable latency will be at the cost of having significantly increased power consumption
compared to the low power mode. The constant latency mode is enabled by triggering the CONSTLAT task
(TASKS_CONSTLAT on page 64).
While the system is in constant latency mode, the low power mode can be enabled by triggering LOWPWR
task (TASKS_LOWPWR on page 65).
To reduce power consumption while in System ON IDLE, RAM blocks can be turned off in System ON mode
while enabling the retention of these RAM blocks in RAM[n].POWER registers in VMC. RAM[n].POWER are
retained registers, see Reset behavior on page 57. Note that these registers are usually overwritten by
the startup code provided with the nRF application examples.
5.1.1.4 Registers
5.1.1.5 Electrical specification
5.1.1.5.1 ENABLE pin voltage requirements
Symbol
Description
Min.
Typ.
Max.
Units
VSYSTEM_DISABLED_ON Operational voltage to enforce System-Disabled power
mode.
0.8*VDD
V
VSYSTEM_DISABLED_OFF Operational voltage to cancel System-Disabled power
mode.
0.4
V
5.1.2 Power supply
The nRF9160 has a single main power supply VDD, and the internal components are powered by
integrated voltage regulators. The PMU manages these regulators automatically, no voltage regulator
control needs to be included in application firmware.
5.1.2.1 General purpose I/O supply
The input/output (I/O) drivers of P0.00 - P0.31 pins are supplied independently of VDD through
VDD_GPIO. This enables easy match to signal voltage levels in the printed circuit board design.
4418_1315 v2.0
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com