Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 100 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 100 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 96Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 97Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 98Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 99Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 100Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 101Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 102Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 103Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 104Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 400 page
background image
Peripherals
PIN0.DETECT
1
PIN1.DETECT
PIN31.DETECT
DETECT
(Default mode)
DETECT
(LDETECT mode)
3
4
2
LATCH.0
LATCH.1
LATCH.31
Figure 18: DETECT signal behavior
6.4.3 GPIO security
The general purpose input/output (GPIO) peripheral is implemented as a split-security peripheral. If
marked as non-secure, it can be accessed by both secure and non-secure accesses but will behave
differently depending on the access type.
A non-secure peripheral access will only be able to configure and control pins defined as non-secure in the
system protection unit (SPU) GPIOPORT.PERM[] register(s).
A non-secure access to a register or a bitfield controlling a pin marked as secure in GPIO.PERM[] register(s)
will be ignored:
• write accesses will have no effect
• read accesses will always return a zero value
No exception is triggered when a non-secure access targets a register or bitfield controlling a secure pin.
For example, if the bit i is set in the SPU.GPIO.PERM[0] register (declaring Pin P0.i as secure), then
• non-secure write accesses to OUT, OUTSET, OUTCLR, DIR, DIRSET, DIRCLR and LATCH registers will not
be able to write to bit i of those registers
• non-secure write accesses to registers PIN[i].OUT and PIN_CNF[i] will be ignored
• non-secure read accesses to registers OUT, OUTSET, OUTCLR, IN, DIR, DIRSET, DIRCLR and LATCH will
always read a 0 for the bit at position i
• non-secure read accesses to registers PIN[i].OUT, PIN[i].OUT and PIN_CNF[i] will always return 0
The GPIO.DETECTMODE and GPIO.DETECTMODE_SEC registers are handled differently than the other
registers mentioned before. When accessed by a secure access, the DETECTMODE_SEC register control the
source for the DETECT_SEC signal for the pins marked as secure. When accessed by a non-secure access,
the DETECTMODE_SEC is read as zero and write accesses are ignored. The GPIO.DETECTMODE register
controls the source for the DETECT_NSEC signal for the pins defined as non-secure.
The DETECT_NSEC signal is routed to the GPIOTE peripheral, allowing generation of events and interrupts
from pins marked as non-secure. The DETECT_SEC signal is routed to the GPIOTESEC peripheral, allowing
generation of events and interrupts from pins marked as secure. Principle of direct pin access on
4418_1315 v2.0
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com