Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 101 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 101 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 97Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 98Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 99Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 100Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 101Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 102Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 103Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 104Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 105Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 400 page
background image
Peripherals
page 101 illustrates how the DETECT_NSEC and DETECT_SEC signals are generated from the GPIO
PIN[].DETECT signals.
0
n
SPU.GPIOPORT[].PERM register
31
0
n
31
PIN[0].DETECT
PIN[n].DETECT
PIN[31].DETECT
LATCH
0
1
GPIO.DETECTMODE_SEC
DETECT_SEC
0
1
GPIO.DETECTMODE
DETECT_NSEC
to GPIOTE
to GPIOTESEC
DETECT
Figure 19: Principle of direct pin access
6.4.4 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50842500
0x40842500
GPIO
P0 : S
P0 : NS
SPLIT
NA
General purpose input and
output
Table 37: Instances
Register
Offset
Security Description
OUT
0x004
Write GPIO port
This register is retained.
OUTSET
0x008
Set individual bits in GPIO port
OUTCLR
0x00C
Clear individual bits in GPIO port
IN
0x010
Read GPIO port
DIR
0x014
Direction of GPIO pins
This register is retained.
DIRSET
0x018
DIR set register
DIRCLR
0x01C
DIR clear register
LATCH
0x020
Latch register indicating what GPIO pins that have met the criteria set in the
PIN_CNF[n].SENSE registers
This register is retained.
4418_1315 v2.0
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com