Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 135 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 135 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 131Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 132Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 133Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 134Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 135Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 136Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 137Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 138Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 139Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
ID
R/W
Field
Value ID
Value
Description
A
RW
MCKEN
Master clock generator enable.
Disabled
0
Master clock generator disabled and PSEL.MCK not
connected(available as GPIO).
Enabled
1
Master clock generator running and MCK output on PSEL.MCK.
6.7.10.19 CONFIG.MCKFREQ
Address offset: 0x514
Master clock generator frequency.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x20000000
0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
MCKFREQ
Master clock generator frequency.
32MDIV8
0x20000000
32 MHz / 8 = 4.0 MHz
32MDIV10
0x18000000
32 MHz / 10 = 3.2 MHz
32MDIV11
0x16000000
32 MHz / 11 = 2.9090909 MHz
32MDIV15
0x11000000
32 MHz / 15 = 2.1333333 MHz
32MDIV16
0x10000000
32 MHz / 16 = 2.0 MHz
32MDIV21
0x0C000000
32 MHz / 21 = 1.5238095
32MDIV23
0x0B000000
32 MHz / 23 = 1.3913043 MHz
32MDIV30
0x08800000
32 MHz / 30 = 1.0666667 MHz
32MDIV31
0x08400000
32 MHz / 31 = 1.0322581 MHz
32MDIV32
0x08000000
32 MHz / 32 = 1.0 MHz
32MDIV42
0x06000000
32 MHz / 42 = 0.7619048 MHz
32MDIV63
0x04100000
32 MHz / 63 = 0.5079365 MHz
32MDIV125
0x020C0000
32 MHz / 125 = 0.256 MHz
6.7.10.20 CONFIG.RATIO
Address offset: 0x518
MCK / LRCK ratio.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A
Reset 0x00000006
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0
ID
R/W
Field
Value ID
Value
Description
A
RW
RATIO
MCK / LRCK ratio.
32X
0
LRCK = MCK / 32
48X
1
LRCK = MCK / 48
64X
2
LRCK = MCK / 64
96X
3
LRCK = MCK / 96
128X
4
LRCK = MCK / 128
192X
5
LRCK = MCK / 192
256X
6
LRCK = MCK / 256
384X
7
LRCK = MCK / 384
512X
8
LRCK = MCK / 512
4418_1315 v2.0
135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com