Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 141 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 141 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 137Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 138Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 139Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 140Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 141Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 142Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 143Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 144Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 145Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 400 page
background image
Peripherals
Access type
Key headers
Key values
Read
Allowed
Restricted
Write
Restricted
Restricted
Table 50: Access control
Any restricted access requires an explicit key slot selection through the KMU register interface. Any illegal
access to restricted key slot registers will be blocked and word
0xDEADDEAD will be returned on the AHB.
The OTP region has individual access control behavior, while access control to the key storage region is
configured on a per key slot basis. The KMU FSM operates on only one key slot instance at a time, and
the permissions and the usage restriction for a key value associated with a key slot can be configured
individually.
Note: Even if the KMU can be configured as non-secure, all non-secure transactions will be
blocked.
6.8.3 Protecting the UICR content
The UICR content can be protected against device-internal NVMC.ERASEALL requests, in addition to
device-external ERASEALL requests, through the CTRL-AP interface. This feature is useful if the firmware
designers want to prevent the OTP region from being erased.
Since enabling this step will permanently disable erase for the UICR, the procedure requires an
implementation defined 32-bit word to be written into the UICR's ERASEPROTECT register.
In case of a field return handling, it is still possible to erase the UICR even if the ERASEPROTECT is set. If
this functionality is desired, the secure boot code must implement a secure communication channel over
the CTRL-AP mailbox interface. Upon successful authentication of the external party, the secure boot code
can temporarily re-enable the CTRL-AP ERASEALL functionality.
6.8.4 Usage
This section describes the specific KMU and UICR behavior in more detail, to help the reader get a better
overview of KMU's features and the intended usage.
6.8.4.1 OTP
The OTP region of the UICR contains a user-defined static configuration of the device. The KMU emulates
the OTP functionality by placing a write-once per halfword limitation of registers defined in this region, i.e.
only halfwords containing all '1's can be written.
An OTP write transaction must consist of a full 32-bit word. Both halfwords can either be written
simultaneously or one at a time. The KMU FSM will block any write to a halfword in the OTP region, if the
initial value of this halfword is not 0xFFFF. When writing halfwords one at a time, the non-active halfword
must be masked as 0xFFFF, otherwise the request will be blocked. For example, writing 0x1234XXXX to an
OTP destination address which already contains the value 0xFFFFAABB, must be configured as 0x1234FFFF.
The OTP destination address will contain the value 0x1234AABB after both write transactions have been
processed.
The KMU will also only allow secure AHB write transactions into the OTP region of the UICR. Any AHB
write transaction to this region that does not satisfy the above requirements will be ignored, and the
STATUS.BLOCKED register will be set to '1'.
6.8.4.2 Key storage
The key storage region of the UICR can contain multiple keys of different type, including symmetrical keys,
hashes, public/private key pairs and other device secrets. One of the key features of the KMU, is that these
4418_1315 v2.0
141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com