| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R7 Datasheet(PDF) 199 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R7 Datasheet(HTML) 199 Page - Nordic Semiconductor |
|
199 / 400 page ![]() Peripherals SAR core Internal reference VDD_GPIO REFSEL RESP RESN P N AIN2 AIN3 AIN0 AIN1 AIN6 AIN7 AIN4 AIN5 MUX VDD_GPIO NC AIN2 AIN3 AIN0 AIN1 AIN6 AIN7 AIN4 AIN5 MUX VDD_GPIO NC PSEL_A PSEL_A PSEL_A PSEL_A PSEL_A PSEL_A CH[X].PSELP PSEL_A PSEL_A PSEL_A PSEL_A PSEL_A PSEL_A CH[X].PSELN PSEL_A PSEL_A PSEL_A PSEL_A PSEL_A PSEL_A CH[X].CONFIG ADC GAIN RAM RESULT RESULT RESULT RESULT RESULT RESULT RESULT RESULT EasyDMA RESULT.PTR START SAMPLE STOP STARTED END STOPPED Figure 65: Simplified ADC block diagram Internally, the ADC is always a differential analog-to-digital converter, but by default it is configured with single-ended input in the MODE field of the CH[n].CONFIG register. In single-ended mode, the negative input will be shorted to ground internally. The assumption in single-ended mode is that the internal ground of the ADC is the same as the external ground that the measured voltage is referred to. The ADC is thus sensitive to ground bounce on the PCB in single-ended mode. If this is a concern we recommend using differential measurement. 6.12.2 Digital output The output result of the ADC depends on the settings in the CH[n].CONFIG and RESOLUTION registers as follows: RESULT = [V(P) – V(N) ] * GAIN/REFERENCE * 2(RESOLUTION - m) where V(P) is the voltage at input P V(N) is the voltage at input N GAIN is the selected gain setting m is the mode setting. Use m=0 if CONFIG.MODE=SE, or m=1 if CONFIG.MODE=Diff REFERENCE is the selected reference voltage The result generated by the ADC will deviate from the expected due DC errors like offset, gain, differential non-linearity (DNL), and integral non-linearity (INL). See Electrical specification for details on these parameters. The result can also vary due to AC errors like non-linearities in the GAIN block, settling errors 4418_1315 v2.0 199 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |