Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 228 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 228 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 224Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 225Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 226Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 227Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 228Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 229Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 230Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 231Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 232Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 400 page
background image
Peripherals
6.13.6 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50008000
0x40008000
SPIM
SPIM0 : S
SPIM0 : NS
US
SA
SPI master 0
0x50009000
0x40009000
SPIM
SPIM1 : S
SPIM1 : NS
US
SA
SPI master 1
0x5000A000
0x4000A000
SPIM
SPIM2 : S
SPIM2 : NS
US
SA
SPI master 2
0x5000B000
0x4000B000
SPIM
SPIM3 : S
SPIM3 : NS
US
SA
SPI master 3
Table 73: Instances
Register
Offset
Security Description
TASKS_START
0x010
Start SPI transaction
TASKS_STOP
0x014
Stop SPI transaction
TASKS_SUSPEND
0x01C
Suspend SPI transaction
TASKS_RESUME
0x020
Resume SPI transaction
SUBSCRIBE_START
0x090
Subscribe configuration for task START
SUBSCRIBE_STOP
0x094
Subscribe configuration for task STOP
SUBSCRIBE_SUSPEND
0x09C
Subscribe configuration for task SUSPEND
SUBSCRIBE_RESUME
0x0A0
Subscribe configuration for task RESUME
EVENTS_STOPPED
0x104
SPI transaction has stopped
EVENTS_ENDRX
0x110
End of RXD buffer reached
EVENTS_END
0x118
End of RXD buffer and TXD buffer reached
EVENTS_ENDTX
0x120
End of TXD buffer reached
EVENTS_STARTED
0x14C
Transaction started
PUBLISH_STOPPED
0x184
Publish configuration for event STOPPED
PUBLISH_ENDRX
0x190
Publish configuration for event ENDRX
PUBLISH_END
0x198
Publish configuration for event END
PUBLISH_ENDTX
0x1A0
Publish configuration for event ENDTX
PUBLISH_STARTED
0x1CC
Publish configuration for event STARTED
SHORTS
0x200
Shortcuts between local events and tasks
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ENABLE
0x500
Enable SPIM
PSEL.SCK
0x508
Pin select for SCK
PSEL.MOSI
0x50C
Pin select for MOSI signal
PSEL.MISO
0x510
Pin select for MISO signal
FREQUENCY
0x524
SPI frequency. Accuracy depends on the HFCLK source selected.
RXD.PTR
0x534
Data pointer
RXD.MAXCNT
0x538
Maximum number of bytes in receive buffer
RXD.AMOUNT
0x53C
Number of bytes transferred in the last transaction
RXD.LIST
0x540
EasyDMA list type
TXD.PTR
0x544
Data pointer
TXD.MAXCNT
0x548
Maximum number of bytes in transmit buffer
TXD.AMOUNT
0x54C
Number of bytes transferred in the last transaction
TXD.LIST
0x550
EasyDMA list type
CONFIG
0x554
Configuration register
ORC
0x5C0
Over-read character. Character clocked out in case an over-read of the TXD buffer.
Table 74: Register overview
4418_1315 v2.0
228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com