Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 236 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 236 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 232Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 233Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 234Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 235Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 236Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 237Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 238Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 239Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 240Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 400 page
background image
Peripherals
6.13.6.25 PSEL.MISO
Address offset: 0x510
Pin select for MISO signal
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
PIN
[0..31]
Pin number
C
RW
CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
6.13.6.26 FREQUENCY
Address offset: 0x524
SPI frequency. Accuracy depends on the HFCLK source selected.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x04000000
0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
FREQUENCY
SPI master data rate
K125
0x02000000
125 kbps
K250
0x04000000
250 kbps
K500
0x08000000
500 kbps
M1
0x10000000
1 Mbps
M2
0x20000000
2 Mbps
M4
0x40000000
4 Mbps
M8
0x80000000
8 Mbps
6.13.6.27 RXD.PTR
Address offset: 0x534
Data pointer
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
PTR
Data pointer
Note: See the memory chapter for details about which
memories are available for EasyDMA.
6.13.6.28 RXD.MAXCNT
Address offset: 0x538
Maximum number of bytes in receive buffer
4418_1315 v2.0
236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com