Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 252 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 252 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 248Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 249Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 250Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 251Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 252Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 253Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 254Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 255Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 256Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 400 page
background image
Peripherals
6.14.6.22 PSELMISO (Deprecated)
Address offset: 0x50C
Pin select for MISO
This register is deprecated.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
PSELMISO
[0..31]
Pin number configuration for SPI MISO signal
Disconnected
0xFFFFFFFF
Disconnect
6.14.6.23 PSELMOSI (Deprecated)
Address offset: 0x510
Pin select for MOSI
This register is deprecated.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
PSELMOSI
[0..31]
Pin number configuration for SPI MOSI signal
Disconnected
0xFFFFFFFF
Disconnect
6.14.6.24 PSELCSN (Deprecated)
Address offset: 0x514
Pin select for CSN
This register is deprecated.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
PSELCSN
[0..31]
Pin number configuration for SPI CSN signal
Disconnected
0xFFFFFFFF
Disconnect
6.14.6.25 RXD.PTR
Address offset: 0x534
RXD data pointer
4418_1315 v2.0
252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com