Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 296 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 296 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 292Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 293Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 294Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 295Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 296Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 297Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 298Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 299Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 300Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 400 page
background image
Peripherals
6.17.8 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50008000
0x40008000
TWIM
TWIM0 : S
TWIM0 : NS
US
SA
Two-wire interface master 0
0x50009000
0x40009000
TWIM
TWIM1 : S
TWIM1 : NS
US
SA
Two-wire interface master 1
0x5000A000
0x4000A000
TWIM
TWIM2 : S
TWIM2 : NS
US
SA
Two-wire interface master 2
0x5000B000
0x4000B000
TWIM
TWIM3 : S
TWIM3 : NS
US
SA
Two-wire interface master 3
Table 91: Instances
Register
Offset
Security Description
TASKS_STARTRX
0x000
Start TWI receive sequence
TASKS_STARTTX
0x008
Start TWI transmit sequence
TASKS_STOP
0x014
Stop TWI transaction. Must be issued while the TWI master is not suspended.
TASKS_SUSPEND
0x01C
Suspend TWI transaction
TASKS_RESUME
0x020
Resume TWI transaction
SUBSCRIBE_STARTRX
0x080
Subscribe configuration for task STARTRX
SUBSCRIBE_STARTTX
0x088
Subscribe configuration for task STARTTX
SUBSCRIBE_STOP
0x094
Subscribe configuration for task STOP
SUBSCRIBE_SUSPEND
0x09C
Subscribe configuration for task SUSPEND
SUBSCRIBE_RESUME
0x0A0
Subscribe configuration for task RESUME
EVENTS_STOPPED
0x104
TWI stopped
EVENTS_ERROR
0x124
TWI error
EVENTS_SUSPENDED
0x148
SUSPEND task has been issued, TWI traffic is now suspended.
EVENTS_RXSTARTED
0x14C
Receive sequence started
EVENTS_TXSTARTED
0x150
Transmit sequence started
EVENTS_LASTRX
0x15C
Byte boundary, starting to receive the last byte
EVENTS_LASTTX
0x160
Byte boundary, starting to transmit the last byte
PUBLISH_STOPPED
0x184
Publish configuration for event STOPPED
PUBLISH_ERROR
0x1A4
Publish configuration for event ERROR
PUBLISH_SUSPENDED
0x1C8
Publish configuration for event SUSPENDED
PUBLISH_RXSTARTED
0x1CC
Publish configuration for event RXSTARTED
PUBLISH_TXSTARTED
0x1D0
Publish configuration for event TXSTARTED
PUBLISH_LASTRX
0x1DC
Publish configuration for event LASTRX
PUBLISH_LASTTX
0x1E0
Publish configuration for event LASTTX
SHORTS
0x200
Shortcuts between local events and tasks
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ERRORSRC
0x4C4
Error source
ENABLE
0x500
Enable TWIM
PSEL.SCL
0x508
Pin select for SCL signal
PSEL.SDA
0x50C
Pin select for SDA signal
FREQUENCY
0x524
TWI frequency. Accuracy depends on the HFCLK source selected.
RXD.PTR
0x534
Data pointer
RXD.MAXCNT
0x538
Maximum number of bytes in receive buffer
RXD.AMOUNT
0x53C
Number of bytes transferred in the last transaction
RXD.LIST
0x540
EasyDMA list type
TXD.PTR
0x544
Data pointer
4418_1315 v2.0
296



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com