Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 314 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 314 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 310Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 311Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 312Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 313Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 314Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 315Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 316Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 317Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 318Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 400 page
background image
Peripherals
6.18.3 TWI slave responding to a read command
Before the TWI slave can respond to a read command, the TWI slave must be configured correctly and
enabled via the ENABLE register. When enabled, the TWI slave will be in its IDLE state. .
A read command is started when the TWI master generates a start condition on the TWI bus, followed
by clocking out the address and the READ/WRITE bit set to 1 (WRITE=0, READ=1). The READ/WRITE bit is
followed by an ACK/NACK bit (ACK=0 or NACK=1) response from the TWI slave.
The TWI slave is able to listen for up to two addresses at the same time. This is configured in the ADDRESS
registers and the CONFIG register.
The TWI slave will only acknowledge (ACK) the read command if the address presented by the master
matches one of the addresses the slave is configured to listen for. The TWI slave will generate a READ
event when it acknowledges the read command.
The TWI slave is only able to detect a read command from the IDLE state.
The TWI slave will set an internal 'TX prepared' flag when the PREPARETX task is triggered.
When the read command is received, the TWI slave will enter the TX state if the internal 'TX prepared' flag
is set.
If the internal 'TX prepared' flag is not set when the read command is received, the TWI slave will stretch
the master's clock until the PREPARETX task is triggered and the internal 'TX prepared' flag is set.
The TWI slave will generate the TXSTARTED event and clear the 'TX prepared' flag ('unprepare TX') when it
enters the TX state. In this state the TWI slave will send the data bytes found in the transmit buffer to the
master using the master's clock.
The TWI slave will go back to the IDLE state if the TWI slave receives a restart command when it is in the
TX state.
The TWI slave is stopped when it receives the stop condition from the TWI master. A STOPPED event
will be generated when the transaction has stopped. The TWI slave will clear the 'TX prepared' flag
('unprepare TX') and go back to the IDLE state when it has stopped.
The transmit buffer is located in RAM at the address specified in the TXD.PTR register. The TWI slave will
only be able to send TXD.MAXCNT bytes from the transmit buffer for each transaction. If the TWI master
forces the slave to send more than TXD.MAXCNT bytes, the slave will send the byte specified in the ORC
register to the master instead. If this happens, an ERROR event will be generated.
The EasyDMA configuration registers, see TXD.PTR etc., are latched when the TXSTARTED event is
generated.
The TWI slave can be forced to stop by triggering the STOP task. A STOPPED event will be generated when
the TWI slave has stopped. The TWI slave will clear the 'TX prepared' flag and go back to the IDLE state
when it has stopped, see also Terminating an ongoing TWI transaction on page 317.
Each byte sent from the slave will be followed by an ACK/NACK bit sent from the master. The TWI master
will generate a NACK following the last byte that it wants to receive to tell the slave to release the bus so
that the TWI master can generate the stop condition. The TXD.AMOUNT register can be queried after a
transaction to see how many bytes were sent.
A typical TWI slave read command response is shown in the following figure. Occurrence 2 in the figure
illustrates clock stretching performed by the TWI slave following a SUSPEND task.
4418_1315 v2.0
314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com