Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 341 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 341 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 337Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 338Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 339Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 340Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 341Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 342Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 343Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 344Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 345Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 400 page
background image
Peripherals
Data received in RXD (but potentially not yet transferred to Data RAM)
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_RXDRDY
Data received in RXD (but potentially not yet transferred to Data RAM)
NotGenerated
0
Event not generated
Generated
1
Event generated
6.19.9.14 EVENTS_ENDRX
Address offset: 0x110
Receive buffer is filled up
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_ENDRX
Receive buffer is filled up
NotGenerated
0
Event not generated
Generated
1
Event generated
6.19.9.15 EVENTS_TXDRDY
Address offset: 0x11C
Data sent from TXD
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_TXDRDY
Data sent from TXD
NotGenerated
0
Event not generated
Generated
1
Event generated
6.19.9.16 EVENTS_ENDTX
Address offset: 0x120
Last TX byte transmitted
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_ENDTX
Last TX byte transmitted
NotGenerated
0
Event not generated
Generated
1
Event generated
6.19.9.17 EVENTS_ERROR
Address offset: 0x124
4418_1315 v2.0
341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com