Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLM5177DCPR Datasheet(PDF) 5 Page - Texas Instruments

Part # PLM5177DCPR
Description  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR Datasheet(HTML) 5 Page - Texas Instruments

  PLM5177DCPR Datasheet HTML 1Page - Texas Instruments PLM5177DCPR Datasheet HTML 2Page - Texas Instruments PLM5177DCPR Datasheet HTML 3Page - Texas Instruments PLM5177DCPR Datasheet HTML 4Page - Texas Instruments PLM5177DCPR Datasheet HTML 5Page - Texas Instruments PLM5177DCPR Datasheet HTML 6Page - Texas Instruments PLM5177DCPR Datasheet HTML 7Page - Texas Instruments PLM5177DCPR Datasheet HTML 8Page - Texas Instruments PLM5177DCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Table 5-1. Pin Functions (continued)
Pin
Type(1)
Description
Name
No.
SW2
25
P
Inductor switch node for the buck half-bridge
SYNC
11
I
Synchronization clock input. The internal oscillator can be synchronized to an external clock
during operation. If the output or input current sense amplifier is configured as a current limiter
pulling, this pin is low during start-up, device switches the current limit direction to a negative
polarity. Do not leave this pin floating. If this function is not used, connect the pin to VCC.
VCC
31
P
Internal linear bias regulator output. Connect a ceramic decoupling capacitor from VCC to PGND.
VIN
3
I
The input supply and sense input of the device. Connect VIN to the supply voltage of the power
stage.
VOUT
20
I
VOUT sense input. Connect to the power stage output rail.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power, NC = No Connect
www.ti.com
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com