Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLM5177DCPR Datasheet(PDF) 22 Page - Texas Instruments

Part # PLM5177DCPR
Description  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button PLM5177DCPR Datasheet HTML 18Page - Texas Instruments PLM5177DCPR Datasheet HTML 19Page - Texas Instruments PLM5177DCPR Datasheet HTML 20Page - Texas Instruments PLM5177DCPR Datasheet HTML 21Page - Texas Instruments PLM5177DCPR Datasheet HTML 22Page - Texas Instruments PLM5177DCPR Datasheet HTML 23Page - Texas Instruments PLM5177DCPR Datasheet HTML 24Page - Texas Instruments PLM5177DCPR Datasheet HTML 25Page - Texas Instruments PLM5177DCPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
VIN
BIAS
VI
Sup ply Vo ltag e S electio n
to Internal
Regula tors
Figure 8-7. VMAX Supply Scenario 2
VIN
BIAS
VI
V(AUX)
Sup ply Vo ltag e S electio n
to Internal
Regula tors
Figure 8-8. VMAX Supply Scenario 3
8.3.5 Enable and Undervoltage Lockout
The LM5177 has a dual function enable and undervoltage lockout (UVLO) pin. The internal device logic and
reference system powers up once the pin voltage is above the VT+(EN) threshold. Once this condition is met, the
device is in standby mode. If the EN/UVLO pin voltage is below the VT-(EN) threshold, the device is in shutdown
mode to save quiescent current. Find the device operation modes description in Section 8.4.
The UVLO function of the device can detect an low input voltage condition for the power stage to avoid a
brownout condition. The detection threshold as well as the required hysteresis are adjustable with an external
voltage divider on the EN/UVLO pin.
If the EN/UVLO pin voltage is above the VT+(EN) threshold, the internal current source for the UVLO hysteresis
is active. If the EN/UVLO pin voltage is above the VT+(UVLO) threshold, the internal current source for the UVLO
hysteresis is off.
The UVLO features an internal delay time (td(UVLO)) for the shutdown to avoid any undesired converter shutdown
due to input noise on the UVLO detection pin. The voltage on the EN/UVLO pin must be below the VT-(UVLO)
threshold for the delay time, td(UVLO). Once these conditions are met, the device logic immediately stops the
converter operation.
The UVLO threshold is typically set by a resistor divider from VIN to AGND. The effective turn-on threshold is
calculated using Equation 1. The hysteresis between the UVLO turn-on threshold and turn-off threshold is set by
the upper resistor and the internal hysteresis current.
VVIN,IT+,UVLO =VIT+ UVLO × 1+RUVLO,top
RUVLO,bot + RUVLO,top ×I(UVLO,ℎyst)
(1)
where
• R(UVLO,top) is the upper resistor.
• R(UVLO,bot) is the lower resistor in the divider.
8.3.6 Oscillator Frequency Selection
The LM5177 has a low tolerance internal trimmed oscillator. With the RT pin left open, the oscillator frequency
is 75 kHz. With the RT pin grounded, the switching frequency is at the maximum of 2.5 MHz. The oscillator
frequency can be programmed up or down by connecting a resistor from the RT pin to ground. To calculate the
RT resistor for a specific oscillator frequency, use Equation 2.
RRT = 1fsw −20ns ×30.3GΩs
(2)
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com