Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLM5177DCPR Datasheet(PDF) 1 Page - Texas Instruments

Part # PLM5177DCPR
Description  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR Datasheet(HTML) 1 Page - Texas Instruments

  PLM5177DCPR Datasheet HTML 1Page - Texas Instruments PLM5177DCPR Datasheet HTML 2Page - Texas Instruments PLM5177DCPR Datasheet HTML 3Page - Texas Instruments PLM5177DCPR Datasheet HTML 4Page - Texas Instruments PLM5177DCPR Datasheet HTML 5Page - Texas Instruments PLM5177DCPR Datasheet HTML 6Page - Texas Instruments PLM5177DCPR Datasheet HTML 7Page - Texas Instruments PLM5177DCPR Datasheet HTML 8Page - Texas Instruments PLM5177DCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
1 Features
• Wide input range from 3.5 V to 78 V (80-V
absolute maximum)
– Minimum 2.8 V when V(BIAS) > 3.5 V
• Output voltage from 3.3 V to 78 V
• Low shutdown IQ of 3 μA
• Low operating IQ of 60 μA
• 3% reverse current limit accuracy for precise
charging currents
• Average input and output current monitor or limiter
• Dynamic output voltage tracking for PWM or
analog input signals
• Power save mode (PSM) selectable for high light
load efficiency
• Two integrated high-voltage supply LDOs with
automatic selection
• 2-A peak current logic level gate driver
– Integrated bootstrap diode
– Bootstrap overvoltage and undervoltage
protection
• Fixed frequency independent from operating mode
(boost, buck-boost, buck)
– Forced PWM mode selectable
– Switching up to 2 MHz for small solution and
component size
– External clock synchronization
• Spread spectrum operation selectable
• Adjustable undervoltage and overvoltage
protection
• Hiccup overcurrent protection
2 Applications
• Non-isolated DC/DC supply (merchant DC/DC,
remote radio unit, motor drive control)
• Backup power systems (battery backup, fire
safety)
• Industrial PC (single board computer)
• Medical PSU (oxygen concentrator)
• Power over ethernet (router)
• Solar power (solar charge controller)
3 Description
The LM5177 is a four switch buck-boost controller.
The device provides a regulated output voltage if
the input voltage is higher, equal, or lower than the
adjusted output voltage. In power safe mode, the
device supports superb efficiency over the full rage
of the output current. The LM5177 runs at a fixed
switching frequency, which can be set through the RT
or SYNC pin. The switching frequency remains the
same during buck, boost, and buck-boost operation.
The integrated and optional average current monitor
can help monitor and limit input and output current
of the LM5177. This feature also supports charging
backup power elements, like batteries or capacitors,
with constant current (CC) and constant voltage (CV).
Device Information
Part Number
Package(1)
Body Size (NOM)
LM5177
DCP038
9.7 mm × 4.4 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage (V)
6
9
12
15
18
21
24
27
30
33
91
91.5
92
92.5
93
93.5
94
94.5
95
95.5
96
96.5
97
97.5
98
98.5
99
fPWM(CCM)
PSM
Efficiency vs Input Voltage (IO = 5 A)
nFLT
SYNC
MODE
CFG
SLO PE
DTRK
nFLT
SYNC
MODE
CFG
SLO PE
DTRK
HO1
LO1
VCC
LO2
HO2
HB2
SW2
PGND
HO1
LO1
VCC
LO2
HO2
HB2
SW2
PGND
nFLT
SYNC
MODE
CFG
SLO PE
DTRK
HO1
LO1
VCC
LO2
HO2
HB2
SW2
PGND
HO2
HO2
LO2
VOUT
SW1
VCC
VCC
VOUT
VIN
VIN
LO2
SW2
SW1
VBIAS
VBIAS
VIN
VIN
SW2
Simplified Schematic
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - PLM5177DCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLM51772RHAR TI1-PLM51772RHAR Datasheet
2Mb / 103P
LM51772 55V 4-Switch Buck-Boost Controller with I2C interface
MARCH 2024
More results

Similar Description - PLM5177DCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936-Q1 TI1-LM34936-Q1 Datasheet
1Mb / 35P
30-V Wide VIN Synchronous Four-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
LM5177 TI-LM5177 Datasheet
2Mb / 52P
LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
JUNE 2022
LM5177 TI1-LM5177_V02 Datasheet
2Mb / 62P
LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com