Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT7313E Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT7313E
Description  Stereo Audio Processor for Car Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT7313E Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT7313E Datasheet HTML 1Page - Princeton Technology Corp PT7313E Datasheet HTML 2Page - Princeton Technology Corp PT7313E Datasheet HTML 3Page - Princeton Technology Corp PT7313E Datasheet HTML 4Page - Princeton Technology Corp PT7313E Datasheet HTML 5Page - Princeton Technology Corp PT7313E Datasheet HTML 6Page - Princeton Technology Corp PT7313E Datasheet HTML 7Page - Princeton Technology Corp PT7313E Datasheet HTML 8Page - Princeton Technology Corp PT7313E Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PT7313E
V1.0
4
February 2010
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
REF
-
Analog reference voltage (1/2VDD)
1
VDD
-
Supply input voltage
2
AGND
-
Analog ground
3
TREB_L
I
Left channel input for treble controller
4
TREB_R
I
Right channel input for treble controller
5
RIN
I
Right channel volume controller input
6
ROUT
O
Right channel Input selector output
7
LOUD_R
I
Right channel loudness input
8
RIN3
I
Right channel input 3
9
RIN2
I
Right channel input 2
10
RIN1
I
Right channel input 1
11
LOUD_L
I
Left channel loudness input
12
LIN3
I
Left channel input 3
13
LIN2
I
Left channel input 2
14
LIN1
I
Left channel input 1
15
LIN
I
Left channel volume controller input
16
LOUT
O
Left channel Input selector output
17
BIN_L
I
Left channel input for bass controller
18
BOUT_L
O
Left channel output for bass controller
19
BIN_R
I
Right channel input for bass controller
20
BOUT_R
O
Right channel output for bass controller
21
RROUT
O
Right rear speaker output
22
LROUT
O
Left rear speaker output
23
RFOUT
O
Right front speaker output
24
LFOUT
O
Left front speaker output
25
DGND
-
Digital ground
26
SDA
I
I
2C data input
27
SCL
I
I
2C clock input
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com