Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT7313E Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # PT7313E
Description  Stereo Audio Processor for Car Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT7313E Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button PT7313E Datasheet HTML 6Page - Princeton Technology Corp PT7313E Datasheet HTML 7Page - Princeton Technology Corp PT7313E Datasheet HTML 8Page - Princeton Technology Corp PT7313E Datasheet HTML 9Page - Princeton Technology Corp PT7313E Datasheet HTML 10Page - Princeton Technology Corp PT7313E Datasheet HTML 11Page - Princeton Technology Corp PT7313E Datasheet HTML 12Page - Princeton Technology Corp PT7313E Datasheet HTML 13Page - Princeton Technology Corp PT7313E Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PT7313E
V1.0
10
February 2010
TUNNING TONE CURVE CHARACTERISTICS
The tone control response character is possible tuned to match user’s wishes, please refer to following chart to realize
the characteristics between the different component values.
For the reasons to achieve low distortion and precision response gain, using high quality low tolerance X7R SMD
capacitor on tone circuit is recommended.
The loudness boost gain is adaptive with the master volume attenuation setting, more attenuation means more low
frequency boost, in the maximum volume the loudness boost will return to flat response.
-6
+16
-4
-2
+0
+2
+4
+6
+8
+10
+12
+14
d
B
g
A
10
20k
20
50 100 200
500 1k
2k
5k
Hz
-6
+16
-4
-2
+0
+2
+4
+6
+8
+10
+12
+14
d
B
g
A
10
50k
20
50 100 200 500 1k 2k
5k 10k 20k
Hz
PT7313E Bass Response VS CAP
PT7313E Treble Response VS CAP
-50
-10
-45
-40
-35
-30
-25
-20
-15
d
B
V
10
20k
20
50 100 200
500 1k
2k
5k
Hz
-80
+0
-70
-60
-50
-40
-30
-20
-10
d
B
g
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
PT7313E Loudness Response VS CAP
(VOLUME=-40dB)
PT7313E Loudness Response VS Master Volume
2.7nF
1.5nF
1nF
68nF
150nF
100nF
56nF
100nF
220nF
OPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com