Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT7313E Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT7313E
Description  Stereo Audio Processor for Car Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT7313E Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT7313E Datasheet HTML 1Page - Princeton Technology Corp PT7313E Datasheet HTML 2Page - Princeton Technology Corp PT7313E Datasheet HTML 3Page - Princeton Technology Corp PT7313E Datasheet HTML 4Page - Princeton Technology Corp PT7313E Datasheet HTML 5Page - Princeton Technology Corp PT7313E Datasheet HTML 6Page - Princeton Technology Corp PT7313E Datasheet HTML 7Page - Princeton Technology Corp PT7313E Datasheet HTML 8Page - Princeton Technology Corp PT7313E Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PT7313E
Stereo Audio Processor for Car Audio
Tel: 886-66296288‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
The PT7313E is an audio processor designed for
versatile application, including 3 stereo input selectors
with adjustable gain, master volume control with low
frequency loudness compensation, individual output
attenuator and tone control. It is a good solution for
the car audio signal processing.
Due to the high reliability requirement from the car
audio business, the PT7313E improves both audio
performance and input surge current capability that
make PT7313E the best
solution for the cost-effective
car audio systems.
APPLICATIONS
• Car Audio
• Home Audio System
• Powered Speaker System
FEATURES
• 3 stereo inputs with gain selection, range from 0dB
to +11.25dB in 3.75dB/step
• Master volume from 0 dB to -78.75dB in
1.25dB/step
• Speaker attenuator for balance and fader, range
from 0dB to -38.75dB in 1.25dB/step
• Each channel output can be muted individually.
• Low frequency loudness compensation
• Bass and Treble control, range from -14dB to
+14dB in 2dB/step
• Wide operation range (VDD = 4V to 10V)
APPLICATION CIRCUIT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
REF
VDD
AGND
TREB_L
TREB_R
RIN
ROUT
LOUD_R
RIN3
RIN2
RIN1
LOUD_L
LIN3
LIN2
LIN1
LIN
LOUT
BOUT_L
BIN_L
BIN_R
BOUT_R
RROUT
LROUT
RFOUT
LFOUT
DGND
SDA
SCL
2.2uF
2.2uF
22uF
VDD
2.7n
2.7n
100n
100n
100n
100n
100n
100n
5.6K
5.6K
Front Left
Front Right
Rear Left
Rear Right
10uF
10uF
10uF
10uF
Power
A mplifier
2.2uF
2.2uF
2.2uF
2.2uF
2.2uF
2.2uF
AUDIO 1
AUDIO 2
AUDIO 3
2.2K
2.2K
2.2K
2.2K
2.2K
2.2K
L
L
L
R
R
R
Input Surge
Protection
MCU
PT2313E
PT7313E


Similar Part No. - PT7313E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT731 BOURNS-PT731 Datasheet
125Kb / 1P
ISDN S Interface Isolation Transformer
PT73173 BOURNS-PT73173 Datasheet
125Kb / 1P
ISDN S Interface Isolation Transformer
More results

Similar Description - PT7313E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
Stereo Audio Processor for Home/TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
Stereo Audio Processor for Home TV Audio
PT2347 PTC-PT2347 Datasheet
213Kb / 3P
Stereo Audio Processor
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
Stereo Audio Processor for Home/TV Audio
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
Stereo Audio Processor for Home TV Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com