Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT7313E Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT7313E
Description  Stereo Audio Processor for Car Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT7313E Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT7313E Datasheet HTML 1Page - Princeton Technology Corp PT7313E Datasheet HTML 2Page - Princeton Technology Corp PT7313E Datasheet HTML 3Page - Princeton Technology Corp PT7313E Datasheet HTML 4Page - Princeton Technology Corp PT7313E Datasheet HTML 5Page - Princeton Technology Corp PT7313E Datasheet HTML 6Page - Princeton Technology Corp PT7313E Datasheet HTML 7Page - Princeton Technology Corp PT7313E Datasheet HTML 8Page - Princeton Technology Corp PT7313E Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PT7313E
V1.0
5
February 2010
CONTROL BUS SPECIFICATION
BUS INTERFACE
All functions of the PT7313E are controlled by the I
2C interface, the interface is consisting by SDA and SCL pins. Detail
protocol of the I
2C bus will discuss on the next section. It should be noted that the bus level pull-up resistors connected to
the PT7313E positive supply voltage may required in some application especially the MCU output high level is no
enough.
DATA VALIDITY
A data on the SDA Line is considered valid and stable only when the SCL Signal is in HIGH State. The HIGH and LOW
State of the SDA Line can only change when the SCL signal is LOW. Please refer to the figure below.
START AND STOP CONDITIONS
A Start Condition is activated when
1) The SCL is set to HIGH and
2) SDA shifts from HIGH to LOW State.
The Stop Condition is activated when
1) SCL is set to HIGH and
2) SDA shifts from LOW to HIGH State. Please refer to the timing diagram below..
BYTE FORMAT
Every byte transmitted to the SDA Line consists of 8 bits. Each byte must be followed by an Acknowledge Bit. The MSB
is first transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com