Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT7313E Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT7313E
Description  Stereo Audio Processor for Car Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT7313E Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT7313E Datasheet HTML 5Page - Princeton Technology Corp PT7313E Datasheet HTML 6Page - Princeton Technology Corp PT7313E Datasheet HTML 7Page - Princeton Technology Corp PT7313E Datasheet HTML 8Page - Princeton Technology Corp PT7313E Datasheet HTML 9Page - Princeton Technology Corp PT7313E Datasheet HTML 10Page - Princeton Technology Corp PT7313E Datasheet HTML 11Page - Princeton Technology Corp PT7313E Datasheet HTML 12Page - Princeton Technology Corp PT7313E Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PT7313E
V1.0
9
February 2010
INPUT SELECTOR
The PT7313E provides 3 stereo input selector and following table shows the definition of the correspond register. The LD
register is determinate the loudness function is ON or OFF, and G0 and G1 determinate the input gain of the selector
output, this function is use to matching level of different sources to avoid overall volume difference.
MSB
LSB
Function
0
1
0
G1
G0
LD
S1
S0
Audio switch
0
0
Stereo 1
0
1
Stereo 2
1
0
Stereo 3
0
Loudness ON
1
Loudness OFF
0
0
+11.25dB
0
1
+7.5dB
1
0
+3.75dB
1
1
0dB
BASS AND TREBLE DATA BYTES
The following table shows a detailed description of the Bass and Treble Data Byte. For example a Treble at -12dB is
given by: 0 1 1 1 0 0 0 1 (0x71).
MSB
LSB
Function
0
1
1
0
C3
C2
C1
C0
Bass
0
1
1
1
C3
C2
C1
C0
Treble
0
0
0
0
-14dB
0
0
0
1
-12dB
0
0
1
0
-10dB
0
0
1
1
-8dB
0
1
0
0
-6 dB
0
1
0
1
-4 dB
0
1
1
0
-2 dB
0
1
1
1
0 dB
1
1
1
1
0 dB
1
1
1
0
+2 dB
1
1
0
1
+4 dB
1
1
0
0
+6 dB
1
0
1
1
+8 dB
1
0
1
0
+10 dB
1
0
0
1
+12 dB
1
0
0
0
+14 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com