Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT7313E Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT7313E
Description  Stereo Audio Processor for Car Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT7313E Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT7313E Datasheet HTML 3Page - Princeton Technology Corp PT7313E Datasheet HTML 4Page - Princeton Technology Corp PT7313E Datasheet HTML 5Page - Princeton Technology Corp PT7313E Datasheet HTML 6Page - Princeton Technology Corp PT7313E Datasheet HTML 7Page - Princeton Technology Corp PT7313E Datasheet HTML 8Page - Princeton Technology Corp PT7313E Datasheet HTML 9Page - Princeton Technology Corp PT7313E Datasheet HTML 10Page - Princeton Technology Corp PT7313E Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PT7313E
V1.0
7
February 2010
DATA BYTES
MSB
LSB
Function
0
0
B2
B1
B0
A2
A1
A0
Master Volume
1
1
0
B1
B0
A2
A1
A0
Speaker ATT LR
1
1
1
B1
B0
A2
A1
A0
Speaker ATT RR
1
0
0
B1
B0
A2
A1
A0
Speaker ATT LF
1
0
1
B1
B0
A2
A1
A0
Speaker ATT RF
0
1
0
G1
G0
LD
S1
S0
Input Switch and Gain
0
1
1
0
C3
C2
C1
C0
Bass Control
0
1
1
1
C3
C2
C1
C0
Treble Control
DATA RATE
The PT7313E support Standard-Mode (100kbit/s) I
2C data rate In all operation condition, in specified condition it also
support Fast-Mode (400kbit/s) I
2C data rate, please refer to the follow table:
MCU Level
PT7313E VDD Voltage
4V
5V
6V
7V
8V
9V
10V
2.5V
F
F
x
x
x
x
x
3.3V
F
F
F
F
S
S
x
5V
x
F
F
F
F
F
F
Notes:
1. x = Not allow in this combination; S = Standard Mode Supported, F = Fast Mode Supported.
2. Data rate specification is design guarantee only, not fully tested in every combination.
I2C BUS INITIAL TIME
The PT7313E is controlled by the I
2C bus command; each time the supply voltage applied to chip it needs an initial time
to reset all of the internal decoder register, in this period access the I
2C bus is prohibited. The initial time is determinate
by capacitance it attached on REF pin (CREF) and Td. For proper operation USER must check the I
2C starts timing is fit
this requirement and recommended Td timing shown on next page is 50mS.
VDD
VREF
I2C
90% VREF
I2C PROHIBIT
Td
POWER ON
I2C STARTS
50mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com