Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP248 Datasheet(PDF) 29 Page - Power Integrations, Inc.

Part # TOP248
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP248 Datasheet(HTML) 29 Page - Power Integrations, Inc.

Back Button TOP248 Datasheet HTML 25Page - Power Integrations, Inc. TOP248 Datasheet HTML 26Page - Power Integrations, Inc. TOP248 Datasheet HTML 27Page - Power Integrations, Inc. TOP248 Datasheet HTML 28Page - Power Integrations, Inc. TOP248 Datasheet HTML 29Page - Power Integrations, Inc. TOP248 Datasheet HTML 30Page - Power Integrations, Inc. TOP248 Datasheet HTML 31Page - Power Integrations, Inc. TOP248 Datasheet HTML 32Page - Power Integrations, Inc. TOP248 Datasheet HTML 33Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
Rev. R 10/20
29
TOP242-250
www.power.com
Input Capacitor
The input capacitor must be chosen to provide the minimum
DC voltage required for the TOPSwitch-GX converter to
maintain regulation at the lowest specified input voltage
and maximum output power. Since TOPSwitch-GX has
a higher DC
MAX than TOPSwitch-II, it is possible to use a
smaller input capacitor. For TOPSwitch-GX, a capacitance
of 2
µF per watt is possible for universal input with an
appropriately designed transformer.
Primary Clamp and Output Reflected Voltage V
OR
A primary clamp is necessary to limit the peak
TOPSwitch-GX drain to source voltage. A Zener clamp
requires few parts and takes up little board space. For
good efficiency, the clamp Zener should be selected to be
at least 1.5 times the output reflected voltage V
OR, as this
keeps the leakage spike conduction time short. When
using a Zener clamp in a universal input application, a
V
OR of less than 135 V is recommended to allow for the
absolute tolerances and temperature variations of the
Zener. This will ensure efficient operation of the clamp
circuit and will also keep the maximum drain voltage
below the rated breakdown voltage of the TOPSwitch-GX
MOSFET.
A high V
OR is required to take full advantage of the wider
DC
MAX of TOPSwitch-GX. An RCD clamp provides tighter
clamp voltage tolerance than a Zener clamp and allows
a V
OR as high as 150 V. RCD clamp dissipation can be
minimized by reducing the external current limit as a
function of input line voltage (see Figures 21 and 35). The
RCD clamp is more cost effective than the Zener clamp but
requires more careful design (see Quick Design Checklist).
Output Diode
The output diode is selected for peak inverse voltage, output
current, and thermal conditions in the application (including
heat sinking, air circulation, etc.). The higher DC
MAX of
TOPSwitch-GX, along with an appropriate transformer turns
ratio, can allow the use of a 60 V Schottky diode for higher
efficiency on output voltages as high as 15 V (see Figure 41:
A 12 V, 30 W design using a 60 V Schottky for the output
diode).
Bias Winding Capacitor
Due to the low frequency operation at no-load a 1
µF bias
winding capacitor is recommended.
Soft-Start
Generally, a power supply experiences maximum stress at
start-up before the feedback loop achieves regulation. For
a period of 10 ms, the on-chip soft-start linearly increases
the duty cycle from zero to the default DC
MAX at turn on.
In addition, the primary current limit increases from 85%
to 100% over the same period. This causes the output
voltage to rise in an orderly manner, allowing time for the
feedback loop to take control of the duty cycle. This
reduces the stress on the TOPSwitch-GX MOSFET, clamp
circuit and output diode(s), and helps prevent transformer
saturation during start-up. Also, soft-start limits the amount
of output voltage overshoot and, in many applications,
eliminates the need for a soft-finish capacitor.
EMI
The frequency jitter feature modulates the switching
frequency over a narrow band as a means to reduce
conducted EMI peaks associated with the harmonics of
the fundamental switching frequency. This is particularly
beneficial for average detection mode. As can be seen in
Figure 46, the benefits of jitter increase with the order of
the switching harmonic due to an increase in frequency
deviation.
-20
-10
0
-10
20
30
40
50
60
70
80
0.15
1
10
30
Frequency (MHz)
EN55022B (QP)
EN55022B (AV)
EN55022B (QP)
EN55022B (AV)
-20
-10
0
-10
20
30
40
50
60
70
80
0.15
1
10
30
Frequency (MHz)
TOPSwitch-HX (with jitter)
Figure 46a. TOPSwitch-II Full Range EMI Scan (100 kHz,
No Jitter).
Figure 46b. TOPSwitch-GX Full Range EMI Scan (132 kHz, with
Jitter) with Identical Circuitry and Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com