Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP248 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # TOP248
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP248 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button TOP248 Datasheet HTML 5Page - Power Integrations, Inc. TOP248 Datasheet HTML 6Page - Power Integrations, Inc. TOP248 Datasheet HTML 7Page - Power Integrations, Inc. TOP248 Datasheet HTML 8Page - Power Integrations, Inc. TOP248 Datasheet HTML 9Page - Power Integrations, Inc. TOP248 Datasheet HTML 10Page - Power Integrations, Inc. TOP248 Datasheet HTML 11Page - Power Integrations, Inc. TOP248 Datasheet HTML 12Page - Power Integrations, Inc. TOP248 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Rev. R 10/20
9
TOP242-250
www.power.com
transients. This feed-forward operation is illustrated in
Figure 7 by the different values of I
L (Y, R or F package) or
I
M (P or G package). Note that for the same CONTROL
pin current, higher line voltage results in smaller operating
duty cycle. As an added feature, the maximum duty cycle
DC
MAX is also reduced from 78% (typical) at a voltage
slightly higher than the UV threshold to 30% (typical) at
the OV threshold (see Figure 11). Limiting DC
MAX at higher
line voltages helps prevent transformer saturation due to
large load transients in TOP248, TOP249 and TOP250
forward converter applications. DC
MAX of 38% at high
line was chosen to ensure that the power capability of
the TOPSwitch-GX is not restricted by this feature under
normal operation.
Remote ON/OFF and Synchronization
TOPSwitch-GX can be turned on or off by controlling
the current into the LINE-SENSE pin or out from the
EXTERNAL CURRENT LIMIT pin (Y, R or F package) and
into or out from the MULTI-FUNCTION pin (P or G package)
(see Figure 11). In addition, the LINE-SENSE pin has a 1 V
threshold comparator connected at its input. This voltage
threshold can also be used to perform remote ON/OFF
control. This allows easy implementation of remote
ON/OFF control of TOPSwitch-GX in several different ways.
A transistor or an optocoupler output connected between
the EXTERNAL CURRENT LIMIT or LINE-SENSE pins
(Y, R or F package) or the MULTI-FUNCTION pin (P or G
package) and the SOURCE pin implements this function
with “active-on” (Figures 22, 29 and 36) while a transistor
or an optocoupler output connected between the LINE-
SENSE pin (Y, R or F package) or the MULTI-FUNCTION
(P or G package) pin and the CONTROL pin implements
the function with “active-off” (Figures 23 and 37).
When a signal is received at the LINE-SENSE pin or the
EXTERNAL CURRENT LIMIT pin (Y, R or F package) or
the MULTI-FUNCTION pin (P or G package) to disable the
output through any of the pin functions such as OV, UV
and remote ON/OFF, TOPSwitch-GX always completes its
current switching cycle, as illustrated in Figure 10, before
the output is forced off. The internal oscillator is stopped
slightly before the end of the current cycle and stays there
as long as the disable signal exists. When the signal at
the above pins changes state from disable to enable,
the internal oscillator starts the next switching cycle. This
approach allows the use of these pins to synchronize
TOPSwitch-GX to any external signal with a frequency
between its internal switching frequency and 20 kHz.
As seen above, the remote ON/OFF feature allows the
TOPSwitch-GX to be turned on and off instantly, on a cycle-
by-cycle basis, with very little delay. However, remote
ON/OFF can also be used as a standby or power switch to
turn off the TOPSwitch-GX and keep it in a very low power
consumption state for indefinitely long periods. If the
TOPSwitch-GX is held in remote off state for long enough
time to allow the CONTROL pin to discharge to the internal
supply undervoltage threshold of 4.8 V (approximately 32
ms for a 47
µF CONTROL pin capacitance), the CONTROL
pin goes into the hysteretic mode of regulation. In this
mode, the CONTROL pin goes through alternate charge
and discharge cycles between 4.8 V and 5.8 V (see
CONTROL pin operation section above) and runs entirely
off the high voltage DC input, but with very low power
consumption (160 mW typical at 230 VAC with M or X
pins open). When the TOPSwitch-GX is remotely turned
on after entering this mode, it will initiate a normal start-up
sequence with soft-start the next time the CONTROL pin
reaches 5.8 V. In the worst case, the delay from remote
on to start-up can be equal to the full discharge/charge
cycle time of the CONTROL pin, which is approximately
125 ms for a 47
µF CONTROL pin capacitor. This reduced
consumption remote off mode can eliminate expensive and
unreliable in-line mechanical switches. It also allows for
microprocessor controlled turn-on and turn-off sequences
that may be required in certain applications such as inkjet
and laser printers.
Soft-Start
Two on-chip soft-start functions are activated at start-up with
a duration of 10 ms (typical). Maximum duty cycle starts
from 0% and linearly increases to the default maximum
of 78% at the end of the 10 ms duration and the current
limit starts from about 85% and linearly increases to 100%
at the end of the 10 ms duration. In addition to start-up,
soft-start is also activated at each restart attempt during
auto-restart and when restarting after being in hysteretic
regulation of CONTROL pin voltage (V
C), due to remote OFF
or thermal shutdown conditions. This effectively minimizes
current and voltage stresses on the output MOSFET, the
clamp circuit and the output rectifier during start-up. This
feature also helps minimize output overshoot and prevents
saturation of the transformer during start-up.
Shutdown/Auto-Restart
To minimize TOPSwitch-GX power dissipation under fault
conditions, the shutdown/auto-restart circuit turns the
power supply on and off at an auto-restart duty cycle
of typically 4% if an out of regulation condition persists.
Loss of regulation interrupts the external current into the
CONTROL pin. V
C regulation changes from shunt mode to
the hysteretic auto-restart mode as described in CONTROL
pin operation section. When the fault condition is removed,
the power supply output becomes regulated, V
C regulation
returns to shunt mode, and normal operation of the power
supply resumes.
Hysteretic Over-Temperature Protection
Temperature protection is provided by a precision analog
circuit that turns the output MOSFET off when the junction
temperature exceeds the thermal shutdown temperature
(140
°C typical). When the junction temperature cools to
below the hysteretic temperature, normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com