Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP248 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # TOP248
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP248 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button TOP248 Datasheet HTML 18Page - Power Integrations, Inc. TOP248 Datasheet HTML 19Page - Power Integrations, Inc. TOP248 Datasheet HTML 20Page - Power Integrations, Inc. TOP248 Datasheet HTML 21Page - Power Integrations, Inc. TOP248 Datasheet HTML 22Page - Power Integrations, Inc. TOP248 Datasheet HTML 23Page - Power Integrations, Inc. TOP248 Datasheet HTML 24Page - Power Integrations, Inc. TOP248 Datasheet HTML 25Page - Power Integrations, Inc. TOP248 Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Rev. R 10/20
22
TOP242-250
www.power.com
Resistor R7, C9 and C10 together with C5 and R3 provide
loop compensation.
Due to the large primary currents, all the small signal control
components are connected to a separate source node that
is Kelvin connected to the SOURCE pin of the TOPSwitch-GX.
For improved common-mode surge immunity, the bias
winding common returns directly to the DC bulk capacitor
(C1).
A High Efficiency, 250 W, 250-380 VDC Input
Power Supply
The circuit shown in Figure 43 delivers 250 W (48 V @
5.2 A) at 84% efficiency using a TOP249 from a 250 VDC
to 380 VDC input. DC input is shown, as typically at this
power level a p.f.c. boost stage would preceed this supply,
providing the DC input (C1 is included to provide local
decoupling). Flyback topology is still usable at this power
level due to the high output voltage, keeping the secondary
peak currents low enough so that the output diode and
capacitors are reasonably sized.
In this example, the TOP249 is at the upper limit of its
power capability and the current limit is set to the internal
maximum by connecting the X pin to SOURCE. However,
line sensing is implemented by connecting a 2 M
Ω resistor
from the L pin to the DC rail. If the DC input rail rises above
450 VDC, then TOPSwitch-GX will stop switching until the
voltage returns to normal, preventing device damage.
Due to the high primary current, a low leakage inductance
transformer is essential. Therefore, a sandwich winding
with a copper foil secondary was used. Even with this
technique, the leakage inductance energy is beyond the
power capability of a simple Zener clamp. Therefore, R2,
R3 and C6 are added in parallel to VR1. These have been
sized such that during normal operation, very little power
is dissipated by VR1, the leakage energy instead being
dissipated by R2 and R3. However, VR1 is essential to
limit the peak drain voltage during start-up and/or overload
conditions to below the 700 V rating of the TOPSwitch-GX
MOSFET.
The secondary is rectifed and smoothed by D2 and C9,
C10 and C11. Three capacitors are used to meet the
secondary ripple current requirement. Inductor L2 and C12
provide switching noise filtering.
A simple Zener sensing chain regulates the output voltage.
The sum of the voltage drop of VR2, VR3 and VR4 plus the
LED drop of U2 gives the desired output voltage. Resistor
R6 limits LED current and sets overall control loop DC gain.
Diode D4 and C14 provide secondary soft-finish, feeding
current into the CONTROL pin prior to output regulation
48 V@
5.2 A
+250-380
VDC
0 V
L
D
SX
F
C
RTN
PI-2692-081204
All resistor 1/8 W 5% unless
otherwise stated.
CONTROL
TOPSwitch-GX
C1
22
µF
400 V
C3
0.1
µF
50 V
R4
6.8
Ω
R6
100
Ω
R8
56
Ω
R9
10 k
Ω
C3
47
µF
10 V
C6
4.7 nF
1 kV
C13
150 nF
63 V
C4
1
µF
50 V
C14
22
µF
63 V
C9
560
µF
63 V
C10
560
µF
63 V
C11
560
µF
63 V
C12
68
µF
63 V
C7
2.2 nF Y1
L2
3
µH 8A
D2
MUR1640CT
D2
1N4148
U2
LTV817A
D1
BYV26C
T1
R1
2 M
Ω
1/2 W
R3
68 k
Ω
2 W
R2
68 k
Ω
2 W
VR1
P6KE200
VR2 22 V
BZX79B22
VR3 12 V
BZX79B12
VR4 12 V
BZX79B12
CONTROL
D4
1N4148
PERFORMANCE SUMMARY
Output Power:
250 W
Line Regulation:
± 1%
Load Regulation:
± 5%
Efficiency:
≥ 85%
Ripple:
< 100 mV pk-pk
No Load Consumption:
≤ 1.4 W (300 VDC)
TOP249Y
U1
Figure 43. 250 W, 48 V Power Supply using TOP249.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com