Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP248 Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TOP248
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP248 Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TOP248 Datasheet HTML 7Page - Power Integrations, Inc. TOP248 Datasheet HTML 8Page - Power Integrations, Inc. TOP248 Datasheet HTML 9Page - Power Integrations, Inc. TOP248 Datasheet HTML 10Page - Power Integrations, Inc. TOP248 Datasheet HTML 11Page - Power Integrations, Inc. TOP248 Datasheet HTML 12Page - Power Integrations, Inc. TOP248 Datasheet HTML 13Page - Power Integrations, Inc. TOP248 Datasheet HTML 14Page - Power Integrations, Inc. TOP248 Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Rev. R 10/20
11
TOP242-250
www.power.com
flowing into the pin. The meaning of the vertical axes varies
with functions. For those that control the ON/OFF states of
the output such as UV, OV and remote ON/OFF, the vertical
axis represents the enable/disable states of the output. UV
triggers at I
UV (+50 µA typical with 30 µA hysteresis) and
OV triggers at I
OV (+225 µA typical with 8 µA hysteresis).
Between the UV and OV thresholds, the output is enabled.
For line feed-forward with DC
MAX reduction, the vertical axis
represents the magnitude of the DC
MAX. Line feed-forward
with DC
MAX reduction lowers maximum duty cycle from 78%
at I
L(DC) (+60 µA typical) to 38% at IOV (+225 µA).
EXTERNAL CURRENT LIMIT (X) Pin Operation
(Y, R and F Packages)
When current is drawn out of the EXTERNAL CURRENT
LIMIT pin, it works as a voltage source of approximately
1.3 V up to a maximum current of -240
µA (typical). At
-240
µA, it turns into a constant current source (refer to
Figure 12a).
There are two functions available through the use of the
EXTERNAL CURRENT LIMIT pin: external current limit
and remote ON/OFF. Connecting the EXTERNAL
CURRENT LIMIT pin to the SOURCE pin disables the two
functions. In high efficiency applications, this pin can be
used to reduce the current limit externally to a value close
to the operating peak current by connecting the pin to
the SOURCE pin through a resistor. The pin can also be
used for remote ON/OFF. Table 2 shows several possible
combinations using this pin. See Figure 11 for a description
of the functions where the horizontal axis (left hand side)
represents the EXTERNAL CURRENT LIMIT pin current.
The meaning of the vertical axes varies with function. For
those that control the ON/OFF states of the output such
as remote ON/OFF, the vertical axis represents the enable/
disable states of the output. For external current limit, the
vertical axis represents the magnitude of the I
LIMIT. Please
see graphs in the Typical Performance Characteristics
section for the current limit programming range and the
selection of appropriate resistor value.
MULTI-FUNCTION (M) Pin Operation
(P and G Packages)
The LINE-SENSE and EXTERNAL CURRENT LIMIT pin
functions are combined to a single MULTI-FUNCTION
pin for P and G packages. The comparator with a 1 V
threshold at the LINE-SENSE pin is removed in this case
as shown in Figure 2b. All of the other functions are kept
intact. However, since some of the functions require
opposite polarity of input current (MULTI-FUNCTION pin),
they are mutually exclusive. For example, line sensing
features cannot be used simultaneously with external
current limit setting. When current is fed into the MULTI-
FUNCTION pin, it works as a voltage source of
approximately 2.6 V up to a maximum current of +400
µA
(typical). At +400
µA, this pin turns into a constant current
sink. When current is drawn out of the MULTI-FUNCTION
pin, it works as a voltage source of approximately 1.3 V up
to a maximum current of -240
µA (typical). At -240 µA, it
turns into a constant current source. Refer to Figure 12b.
There are a total of five functions available through the use
of the MULTI-FUNCTION pin: OV, UV, line feed-forward
with DC
MAX reduction, external current limit and remote
ON/OFF. A short circuit between the MULTI-FUNCTION
pin and SOURCE pin disables all five functions and forces
TOPSwitch-GX to operate in a simple three terminal mode
like TOPSwitch-II. The MULTI-FUNCTION pin is typically
used for line sensing by connecting a resistor from this pin
to the rectified DC high voltage bus to implement OV, UV
and DC
MAX reduction with line voltage. In this mode, the
value of the resistor determines the line OV/UV thresholds,
and the DC
MAX is reduced linearly with increasing rectified
DC high voltage starting from just above the UV threshold.
External current limit programming is implemented by
connecting the MULTI-FUNCTION pin to the SOURCE pin
Table 3. Typcial MULTI-FUNCTION Pin Configurations.
MULTI-FUNCTION PIN TABLE*
Figure Number
30
31
32
33
34
35
36
37
38
39
40
Three Terminal Operation
3
Undervoltage
3
3
3
Overvoltage
3
3
3
Line Feed-Forward (DC
MAX)
3
3
Overload Power Limiting
3
External Current Limit
3
3
3
3
Remote ON/OFF
3
3
3
3
3
*This table is only a partial list of many MULTI-FUNCTION pin configurations that are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com