Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP248 Datasheet(PDF) 33 Page - Power Integrations, Inc.

Part # TOP248
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP248 Datasheet(HTML) 33 Page - Power Integrations, Inc.

Back Button TOP248 Datasheet HTML 29Page - Power Integrations, Inc. TOP248 Datasheet HTML 30Page - Power Integrations, Inc. TOP248 Datasheet HTML 31Page - Power Integrations, Inc. TOP248 Datasheet HTML 32Page - Power Integrations, Inc. TOP248 Datasheet HTML 33Page - Power Integrations, Inc. TOP248 Datasheet HTML 34Page - Power Integrations, Inc. TOP248 Datasheet HTML 35Page - Power Integrations, Inc. TOP248 Datasheet HTML 36Page - Power Integrations, Inc. TOP248 Datasheet HTML 37Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Rev. R 10/20
33
TOP242-250
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 53
(Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS
Switching
Frequency
(average)
f
OSC
I
C = 3 mA;
T
J = 25 °C
FREQUENCY Pin
Connected to SOURCE
124
132
140
kHz
FREQUENCY Pin
Connected to CONTROL
61.5
66
70.5
Duty Cycle at
ONSET of
Frequency
Reduction
DC
(ONSET)
10
%
Switching
Frequency near
0% Duty Cycle
f
OSC(DMIN)
132 kHz Operation
30
kHz
66 kHz Operation
15
Frequency Jitter
Deviation
Df
132 kHz Operation
±4
kHz
66 kHz Operation
±2
Frequency Jitter
Modulation Rate
f
M
250
Hz
ABSOLUTE MAXIMUM RATINGS(1,4)
DRAIN Voltage .................................. ................ -0.3 V to 700 V
DRAIN Peak Current:
TOP242......................................0.72 A
TOP243......................................1.44 A
TOP244......................................2.16 A
TOP245......................................2.88 A
TOP246 ..................................... 4.32 A
TOP247 ..................................... 5.76 A
TOP248 ..................................... 7.20 A
TOP249 ..................................... 8.64 A
TOP250 ................................... 10.08 A
CONTROL Voltage .................................................-0.3 V to 9 V
CONTROL Current........ ................................................ 100 mA
LINE SENSE Pin Voltage ........................................ -0.3 V to 9 V
CURRENT LIMIT Pin Voltage .............................. -0.3 V to 4.5 V
MULTI-FUNCTION Pin Voltage ............................... -0.3 V to 9 V
FREQUENCY Pin Voltage ...................................... -0.3 V to 9 V
Storage Temperature ...................................... -65
°C to 150 °C
Operating Junction Temperature(2) .................. -40
°C to 150 °C
Lead Temperature(3) ...................................................... ..260
°C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16 in. from case for 5 seconds.
4. Maximum ratings specified may be applied one at a time, .....
without causing permanent damage to the product. ..............
Exposure to Absolute Maximum Rating conditions for ...........
extended periods of time may affect product reliability.
THERMAL RESISTANCE
Thermal Resistance: Y or F Package:
(
q
JA)
(1)
..................................................80
°C/W
(
q
JC)
(2)
................................................... 2
°C/W
P or G Package:
(
q
JA)................................. 70 °C/W
(3)
; 60
°C/W(4)
(
q
JC)
(5)
..................................................11
°C/W
R Package:
(
q
JA)................80 °C/W
(7)
; 40
°C/W(4); 30 °C/W(6)
(
q
JC)
(5)
....................................................2
°C/W
Notes:
1. Free standing with no heat sink.
2. Measured at the back surface of tab.
3. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
4. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.
5. Measured on the SOURCE pin close to plastic interface.
6. Soldered to 3 sq. in. (1935 mm2), 2 oz. (610 g/m2) copper clad.
7. Soldered to foot print area, 2 oz. (610 g/m2) copper clad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com