Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP248 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TOP248
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP248 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TOP248 Datasheet HTML 3Page - Power Integrations, Inc. TOP248 Datasheet HTML 4Page - Power Integrations, Inc. TOP248 Datasheet HTML 5Page - Power Integrations, Inc. TOP248 Datasheet HTML 6Page - Power Integrations, Inc. TOP248 Datasheet HTML 7Page - Power Integrations, Inc. TOP248 Datasheet HTML 8Page - Power Integrations, Inc. TOP248 Datasheet HTML 9Page - Power Integrations, Inc. TOP248 Datasheet HTML 10Page - Power Integrations, Inc. TOP248 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Rev. R 10/20
7
TOP242-250
www.power.com
Auto-restart mode continues until output voltage regulation
is again achieved through closure of the feedback loop.
Oscillator and Switching Frequency
The internal oscillator linearly charges and discharges an
internal capacitance between two voltage levels to create
a sawtooth waveform for the pulse width modulator. This
oscillator sets the pulse width modulator/current limit latch
at the beginning of each cycle.
The nominal switching frequency of 132 kHz was chosen to
minimize transformer size while keeping the fundamental
EMI frequency below 150 kHz. The FREQUENCY pin
(available only in Y, R or F package), when shorted to the
CONTROL pin, lowers the switching frequency to 66 kHz (half
frequency) which may be preferable in some cases such
as noise sensitive video applications or a high efficiency
standby mode. Otherwise, the FREQUENCY pin should be
connected to the SOURCE pin for the default 132 kHz.
To further reduce the EMI level, the switching frequency
is jittered (frequency modulated) by approximately ±4 kHz
at 250 Hz (typical) rate as shown in Figure 9. Figure 46
shows the typical improvement of EMI measurements with
frequency jitter.
Pulse Width Modulator and Maximum Duty Cycle
The pulse width modulator implements voltage mode
control by driving the output MOSFET with a duty cycle
inversely proportional to the current into the CONTROL pin
that is in excess of the internal supply current of the chip
(see Figure 7). The excess current is the feedback error
signal that appears across R
E (see Figure 2). This signal is
filtered by an RC network with a typical corner frequency
of 7 kHz to reduce the effect of switching noise in the chip
supply current generated by the MOSFET gate driver. The
filtered error signal is compared with the internal oscillator
sawtooth waveform to generate the duty cycle waveform.
As the control current increases, the duty cycle decreases.
A clock signal from the oscillator sets a latch which turns on
the output MOSFET. The pulse width modulator resets the
latch, turning off the output MOSFET. Note that a minimum
current must be driven into the CONTROL pin before the
duty cycle begins to change.
The maximum duty cycle, DC
MAX, is set at a default
maximum value of 78% (typical). However, by connecting
the LINE-SENSE or MULTI-FUNCTION pin (depending on
the package) to the rectified DC high voltage bus through
a resistor with appropriate value, the maximum duty cycle
can be made to decrease from 78% to 38% (typical) as
shown in Figure 11 when input line voltage increases (see
line feed forward with DC
MAX reduction).
Light Load Frequency Reduction
The pulse width modulator duty cycle reduces as the load
at the power supply output decreases. This reduction in
duty cycle is proportional to the current flowing into the
CONTROL pin. As the CONTROL pin current increases,
the duty cycle decreases linearly towards a duty cycle of
10%. Below 10% duty cycle, to maintain high efficiency
at light loads, the frequency is also reduced linearly until a
minimum frequency is reached at a duty cycle of 0% (refer
to Figure 7). The minimum frequency is typically 30 kHz
and 15 kHz for 132 kHz and 66 kHz operation, respectively.
This feature allows a power supply to operate at lower
frequency at light loads thus lowering the switching losses
while maintaining good cross regulation performance and low
output ripple.
Error Amplifier
The shunt regulator can also perform the function of an
error amplifier in primary side feedback applications.
The shunt regulator voltage is accurately derived from a
temperature-compensated bandgap reference. The gain
of the error amplifier is set by the CONTROL pin dynamic
impedance. The CONTROL pin clamps external circuit
signals to the V
C voltage level. The CONTROL pin current
in excess of the supply current is separated by the shunt
regulator and flows through R
E as a voltage error signal.
On-Chip Current Limit with External Programmability
The cycle-by-cycle peak drain current limit circuit uses
the output MOSFET ON-resistance as a sense resistor. A
current limit comparator compares the output MOSFET
on-state drain to source voltage, V
DS(ON) with a threshold
voltage. High drain current causes V
DS(ON) to exceed the
threshold voltage and turns the output MOSFET off until the
start of the next clock cycle. The current limit comparator
threshold voltage is temperature compensated to minimize
the variation of the current limit due to temperature related
changes in R
DS(ON) of the output MOSFET. The default
current limit of TOPSwitch-GX is preset internally. However,
with a resistor connected between EXTERNAL CURRENT
LIMIT (X) pin (Y, R or F package) or MULTI-FUNCTION (M)
pin (P or G package) and SOURCE pin, current limit can
be programmed externally to a lower level between 30%
128 kHz
4 ms
Time
Switching
Frequency
VDRAIN
136 kHz
Figure 9. Switching Frequency Jitter (Idealized V
DRAIN
Waveforms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com