Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060X Crossover Processors for Consumer Products
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 24Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 25Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 26Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 27Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 28Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 29Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 30Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 31Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
• Over voltage protection. DCDC shuts down when detecting the output voltage is too high.
• Low voltage detection. DCDC shuts down when detecting the input voltage is too low.
For additional information, see the
i.MX RT1060X Reference Manual (IMXRT1060XRM).
The following table shows the LDO_USB Voltage Regulator Electrical Specifications.
4.2.3 PLL’s electrical characteristics
This section provides PLL electrical characteristics.
4.2.3.1 Audio/Video PLL’s electrical parameters
Table 15. Audio/Video PLL’s electrical parameters
Parameter
Value
Clock output range
650 MHz ~1.3 GHz
Reference clock
24 MHz
Lock time
< 11250 reference cycles
4.2.3.2 System PLL
Table 16. System PLL’s electrical parameters
Parameter
Value
Clock output range
528 MHz PLL output
Reference clock
24 MHz
Lock time
< 11250 reference cycles
4.2.3.3 Ethernet PLL
Table 17. Ethernet PLL’s electrical parameters
Parameter
Value
Clock output range
1 GHz
Reference clock
24 MHz
Lock time
< 11250 reference cycles
4.2.3.4 USB PLL
Table 18. USB PLL’s electrical parameters
Parameter
Value
Clock output range
480 MHz PLL output
Table continues on the next page...
NXP Semiconductors
Electrical Characteristics
i.MX RT1060X Crossover Processors for Consumer Products , Rev. 1, 06/2022
Data Sheet: Technical Data
28 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com