Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060X Crossover Processors for Consumer Products
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 1 Page - NXP Semiconductors

  PIMXRT8024DFP4A Datasheet HTML 1Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 2Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 3Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 4Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 5Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 6Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
MIMXRT1062DVN6B
Package Information
Plastic Package
225-pin BGA, 13 x 13 mm, 0.8 mm pitch
Ordering Information
See Table 1
IMXRT1060XCEC
i.MX RT1060X Crossover Processors for Consumer Products
Rev. 1 — 06/2022
Data Sheet: Technical Data
NXP reserves the right to change the detail specifications as may be required to
permit improvements in the design of its products.


Similar Part No. - PIMXRT8024DFP4A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIMXRT8024DFP4A NXP-PIMXRT8024DFP4A Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
PIMXRT8024DFP4A NXP-PIMXRT8024DFP4A Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
PIMXRT8024DFP4A NXP-PIMXRT8024DFP4A Datasheet
1Mb / 100P
i.MX RT1020 Crossover Processors for Industrial Products
Rev. 2, 03/2021
PIMXRT8024DFP4A NXP-PIMXRT8024DFP4A Datasheet
1Mb / 115P
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
PIMXRT8024DFP4A NXP-PIMXRT8024DFP4A Datasheet
2Mb / 119P
i.MX RT1060 Crossover Processors for Consumer Products
Rev. 4, 04/2024
More results

Similar Description - PIMXRT8024DFP4A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1060CEC NXP-IMXRT1060CEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Consumer Products
Rev. 0.2, 02/2020
IMXRT1024CEC NXP-IMXRT1024CEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 11/2020
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
IMXRT1015CEC NXP-IMXRT1015CEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
IMXRT1160CEC NXP-IMXRT1160CEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 04/2021
IMXRT1170CEC NXP-IMXRT1170CEC Datasheet
1Mb / 128P
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
Rev. 1, 05/2021
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
IMXRT1060XXEC NXP-IMXRT1060XXEC Datasheet
1Mb / 103P
i.MX RT1060X Crossover Processors for Extended Products
Rev. 1 - 06/2022
IMXRT1040CEC NXP-IMXRT1040CEC Datasheet
1Mb / 106P
i.MX RT1040 Crossover Processors for Consumer Products
Rev. 2 - 01/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com