Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060X Crossover Processors for Consumer Products
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 3 Page - NXP Semiconductors

  PIMXRT8024DFP4A Datasheet HTML 1Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 2Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 3Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 4Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 5Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 6Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
1 i.MX RT1060X Introduction
The i.MX RT1060X is a new processor family featuring NXP’s advanced implementation of the Arm Cortex®-M7 core, which
operates at speeds up to 600 MHz to provide high CPU performance and best real-time response.
The i.MX RT1060X processor has 1 MB on-chip RAM. 512 KB can be flexibly configured as TCM or general purpose on-chip RAM,
while the other 512 KB is general-purpose on-chip RAM. The i.MX RT1060X integrates advanced power management module
with DCDC and LDO that reduces complexity of external power supply and simplifies power sequencing. The i.MX RT1060X also
provides various memory interfaces, including SDRAM, RAW NAND FLASH, NOR FLASH, SD/eMMC, Quad SPI, and a wide
range of other interfaces for connecting peripherals, such as WLAN, Bluetooth™, GPS, displays, and camera sensors. The i.MX
RT1060X has rich audio and video features, including LCD display, basic 2D graphics, camera interface, SPDIF, and I2S audio
interface. The i.MX RT1060X has analog interfaces, such as ADC, ACMP, and TSC.
The i.MX RT1060X is specifically useful for applications such as:
• Industrial Human Machine Interfaces (HMI)
• Motor Control
• Home Appliance
1.1 Features
The i.MX RT1060X processors are based on Arm Cortex-M7 Core Platform, which has the following features:
• Supports single Arm Cortex-M7 Core with:
— 32 KB L1 Instruction Cache
— 32 KB L1 Data Cache
— Full featured Floating Point Unit (FPU) with support of the VFPv5 architecture
— Support the Armv7-M Thumb instruction set
• Integrated MPU, up to 16 individual protection regions
• Tightly coupled GPIOs, operating at the same frequency as Arm Core
• Up to 512 KB I-TCM and D-TCM in total
• Frequency of 600 MHz
• Cortex M7 CoreSight™ components integration for debug
• Frequency of the core, as per Table 9.
The SoC-level memory system consists of the following additional components:
• Boot ROM (128 KB)
• On-chip RAM (1 MB)
— 512 KB OCRAM shared between ITCM/DTCM and OCRAM
— Dedicate 512 KB OCRAM
• External memory interfaces:
— 8/16-bit SDRAM, up to SDRAM-133/SDRAM-166
— 8/16-bit SLC NAND FLASH, with ECC handled in software
— SD/eMMC
— SPI NOR/NAND FLASH
— Parallel NOR FLASH with XIP support
— Two single/dual channel Quad SPI FLASH with XIP support
NXP Semiconductors
i.MX RT1060X Introduction
i.MX RT1060X Crossover Processors for Consumer Products , Rev. 1, 06/2022
Data Sheet: Technical Data
3 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com