Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 76 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060X Crossover Processors for Consumer Products
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 72Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 73Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 74Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 75Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 76Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 77Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 78Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 79Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
— Title: Pull-up/Pull-down resistors
— Applies to: Universal Serial Bus Specification, Revision 2.0
• USB ENGINEERING CHANGE NOTICE
— Title: Suspend Current Limit Changes
— Applies to: Universal Serial Bus Specification, Revision 2.0
• USB ENGINEERING CHANGE NOTICE
— Title: USB 2.0 Phase Locked SOFs
— Applies to: Universal Serial Bus Specification, Revision 2.0
• On-The-Go and Embedded Host Supplement to the USB Revision 2.0 Specification
— Revision 2.0 plus errata and ecn June 4, 2010
• Battery Charging Specification (available from USB-IF)
— Revision 1.2, December 7, 2010
— Portable device only
4.10 Timers
This section provides information on timers.
4.10.1 Pulse Width Modulator (PWM) characteristics
This section describes the electrical information of the PWM.
Table 69. PWM timing parameters
Parameter
Symbol
Min
Typ
Max
Unit
PWM Clock Frequency
—
—
—
150
MHz
4.10.2 Quad timer timing
Table 70 listed the timing parameters.
Table 70. Quad timer timing
Characteristic
Symbol
Min1
Max
Unit
See Figure
Timer input period
TIN
2T + 6
—
ns
Timer input high/low period
TINHL
1T + 3
—
ns
Timer output period
TOUT
33
—
ns
Timer output high/low period
TOUTHL
16.7
—
ns
1. T = clock cycle. For 60 MHz operation, T = 16.7 ns.
NXP Semiconductors
Electrical Characteristics
i.MX RT1060X Crossover Processors for Consumer Products , Rev. 1, 06/2022
Data Sheet: Technical Data
76 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com