Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060X Crossover Processors for Consumer Products
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 45Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 46Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 47Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 48Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 49Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 50Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 51Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 52Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
Table 45. FlexSPI output timing in SDR mode (continued)
Symbol
Parameter
Min
Max
Unit
TDHO
Output data hold time
-1
—
ns
TCSS
Chip select output setup time
3 x TCK - 1
—
ns
TCSH
Chip select output hold time
3 x TCK + 2
—
ns
1. The actual maximum frequency supported is limited by the FlexSPI
n_MCR0[RXCLKSRC] configuration used. Please refer to
the FlexSPI SDR input timing specifications.
TCSS and TCSH are configured by the FlexSPIn_FLSHAxCR1 register, the default values are shown above. See
more details in the
i.MX RT1060X Reference Manual (IMXRT1060XRM).
NOTE
T CSS
T CK
TCSH
TDVO
TDHO
TDVO
TDHO
SCK
CS
SIO[0:7]
Figure 25. FlexSPI output timing in SDR mode
4.5.2.2.2 SDR mode
Table 46. FlexSPI output timing in SDR mode
Symbol
Parameter
Min
Max
Unit
Frequency of operation1
—
166
MHz
Tck
SCK clock period (FlexSPI
n_MCR0[RXCLKSRC] = 0x0)
6.0
—
ns
TDVO
Output data valid time
—
2.2
ns
TDHO
Output data hold time
0.8
—
ns
TCSS
Chip select output setup time
3 x TCK /2 - 0.7 —
ns
TCSH
Chip select output hold time
3 x TCK /2 + 0.8 —
ns
1. The actual maximum frequency supported is limited by the FlexSPI
n_MCR0[RXCLKSRC] configuration used. Please refer to
the FlexSPI SDR input timing specifications.
TCSS and TCSH are configured by the FlexSPIn_FLSHAxCR1 register, the default values are shown above. See
more details in the
i.MX RT1060X Reference Manual (IMXRT1060XRM).
NOTE
NXP Semiconductors
Electrical Characteristics
i.MX RT1060X Crossover Processors for Consumer Products , Rev. 1, 06/2022
Data Sheet: Technical Data
49 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com