Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060X Crossover Processors for Consumer Products
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 2Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 3Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 4Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 5Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 6Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 9Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
• Secure Non-Volatile Storage (SNVS)
— Secure real-time clock (RTC)
— Zero Master Key (ZMK)
• Secure JTAG Controller (SJC)
The actual feature set depends on the part numbers as described in Table 1. Functions such as display and camera
interfaces, connectivity interfaces, and security features are not offered on all derivatives.
NOTE
1.2 Ordering information
Table 1 provides examples of orderable part numbers covered by this Data Sheet.
Table 1. Ordering information
Part Number
Features
Package
Junction
Temperature
Tj (°C)
MIMXRT1062DVN6B
• 600 MHz, commercial
grade for general
purpose, with MPU/FPU
• eDMA
• Boot ROM (128 KB)
• On-chip RAM (1 MB
• SEMC
• GPT x2
• 4-channel PIT
• Qtimer x4
• PWM x4
• ENC x4
• WDOG x4
• LCD/CSI/PXP
• SPDIF x1
• SAI x3
• MQS x1
• USB OTG x2
• eMMC 4.5/SD 3.0 x2
• Ethernet x2
• UART x8
• I2C x4
• FlexSPI x2
• CAN x2
• FlexCAN (with Flexible
Data-Rate supported)
• FlexIO x3
• 149 GPIOs (146
tightly coupled)
• HAB/DCP/BEE
• TRNG
• SNVS
• SJC
• ADC x2
• ACMP x4
• TSC
• DCDC
• Temperature sensor
• GPC hardware power
management controller
13 x 13 mm, 0.8 mm
pitch, 225-pin BGA
0 to +95 °C
Figure 1 describes the part number nomenclature so that characteristics of a specific part number can be identified (for example,
cores, frequency, temperature grade, fuse options, and silicon revision). The primary characteristic which describes which data
sheet applies to a specific part is the temperature grade (junction) field.
NXP Semiconductors
i.MX RT1060X Introduction
i.MX RT1060X Crossover Processors for Consumer Products , Rev. 1, 06/2022
Data Sheet: Technical Data
6 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com