Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPF Datasheet(PDF) 86 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 86 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 82Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 83Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 84Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 85Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 86Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 87Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 88Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 89Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 90Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 118 page
background image
MB90470 Series
86
(Continued)
(MASK version : VCC
= 1.8 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C) *
(Low voltage FLASH version : VCC
= 2.4 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C) *
(High speed FLASH version : VCC
= 3.0 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C) *
* : Pay attention to operating frequency.
Notes :
• Pins P40-P47 and P70-P75 are N-ch open drain pins with controls, and normally used at CMOS level.
• P76 and P77 are N-ch open drain pins.
• VCC = VCC3 = VCC5.
• When using two power supplies, the 5 V system pins are P20 to P27, P30 to P37, P40 to P47 and
P70 to P77. All other pins are 3 V input/output pins.
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Supply
current
ICCT
at VCC
= 3.3 V,
watch operation,
external 32 kHz,
internal 8 kHz
operation
(TA
= + 25 °C)
10
40
µA MASK version
15
40
µAFLASH version
ICCH
TA
= + 25 °C,
stop mode,
at VCC
= 3.3 V
0.1
20
µA MASK version
0.2
40
µAFLASH version
Input
capacitance
CIN
All pins
except AVCC,
AVSS, VCC,
VSS

515
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com