Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M59DR032E-ZFE Datasheet(PDF) 14 Page - STMicroelectronics

Part # M59DR032E-ZFE
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFE Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M59DR032E-ZFE Datasheet HTML 10Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 11Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 12Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 13Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 14Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 15Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 16Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 17Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
M59DR032EA, M59DR032EB
14/43
Table 5. Read Electronic Signature
Note: X = Don’t care.
Table 6. Read Block Protection
Note: X = Don’t care.
Table 7. Configuration Register
Note: X = Don’t care.
Code
Device
E
G
W
A0
A1
A7-A2
A8-A20
DQ15-DQ0
Manufacturer Code
VIL
VIL
VIH
VIL
VIL
0
X
0020h
Device Code
M59DR032EA
VIL
VIL
VIH
VIH
VIL
0
X
00A0h
M59DR032EB
VIL
VIL
VIH
VIH
VIL
0
X
00A1h
Block Status
E
G
W
A0
A1
A20-A12
A7-A2
Other
Addresses
DQ0
DQ1
DQ15-DQ2
Locked Block
VIL
VIL
VIH
VIL
VIH
Block Address
0
X
1
0
0000h
Unlocked Block
VIL
VIL
VIH
VIL
VIH
Block Address
0
X
0
0
0000h
Locked-Down
Block
VIL
VIL
VIH
VIL
VIH
Block Address
0
X
X
1
0000h
RP Function
E
G
W
A0
A1
A7-A2
Other Addresses
DQ10
DQ9-DQ0
DQ15-DQ11
Reset
VIL
VIL
VIH
VIH
VIH
0
X
0
Don’t Care
Reset/Power-Down
VIL
VIL
VIH
VIH
VIH
0
X
1
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com